Electronic Components Datasheet Search
  English  ▼

X  

B66371 Datasheet(PDF) 2 Page - EPCOS

Part # B66371
Description  Ferrites and accessories
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66371 Datasheet(HTML) 2 Page - EPCOS

  B66371 Datasheet HTML 1Page - EPCOS B66371 Datasheet HTML 2Page - EPCOS B66371 Datasheet HTML 3Page - EPCOS B66371 Datasheet HTML 4Page - EPCOS B66371 Datasheet HTML 5Page - EPCOS B66371 Datasheet HTML 6Page - EPCOS B66371 Datasheet HTML 7Page - EPCOS B66371 Datasheet HTML 8Page - EPCOS B66371 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Please read Cautions and warnings and
Important notes at the end of this document
E 70/33/32
Core
B66371
10/24
Delivery mode: single units
Magnetic characteristics
(per set)
l/A = 0.22 mm–1
le
= 149 mm
Ae
= 683 mm2
Amin = 676 mm2
Ve
= 102000 mm3
Approx. weight 514 g/set
Ungapped
1) H = 250 A/m; f = 10 kHz; T = 100 °C
Visual inspection according to IEC 63093.
Gapped (AL values/air gaps examples)
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0 mm) and
one gapped core (dimension g > 0 mm).
Other AL values/air gaps and materials available on request – see Processing remarks on page 6.
Material AL value
nH
e
BS 1)
mT
PV
W/set
Ordering code
N27
8850 +30/–20%
1530
320
< 19.00 (200 mT, 25 kHz, 100 °C) B66371G0000X127
N87
9700 +30/–20%
1700
320
< 9.50 (100 mT, 100 kHz, 100 °C) B66371G0000X187
N97
10000 +30/–20%
1740
330
< 8.60 (100 mT, 100 kHz, 100 °C) B66371G0000X197
N95
13000 +30/–20%
2260
330
< 11.30 (100 mT, 100 kHz, 25 °C)
< 9.00 (100 mT, 100 kHz, 100 °C)
B66371G0000X195
N88
8600 +30/–20%
1510
320
< 11.50 (100 mT, 100 kHz, 120 °C) B66371G0000X188
Material
g
mm
AL value
approx.
nH
e
Ordering code
N27
1.50
0.05
655
113
B66371G1500X127
N87
2.00
0.05
520
90
B66371G2000X187
2.50
0.05
435
75
B66371G2500X187
4.00
0.05
200
35
B66371G4000X187



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com