Electronic Components Datasheet Search
  English  ▼

X  

B66375 Datasheet(PDF) 2 Page - EPCOS

Part # B66375
Description  Ferrites and accessories
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66375 Datasheet(HTML) 2 Page - EPCOS

  B66375 Datasheet HTML 1Page - EPCOS B66375 Datasheet HTML 2Page - EPCOS B66375 Datasheet HTML 3Page - EPCOS B66375 Datasheet HTML 4Page - EPCOS B66375 Datasheet HTML 5Page - EPCOS B66375 Datasheet HTML 6Page - EPCOS B66375 Datasheet HTML 7Page - EPCOS B66375 Datasheet HTML 8Page - EPCOS B66375 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Please read Cautions and warnings and
Important notes at the end of this document
E 80/38/20
Core
B66375
8/24
Delivery mode: single units
Magnetic characteristics (per set)
l/A = 0.47 mm–1
le
= 184 mm
Ae
= 390 mm2
Amin = 388 mm2
Ve
= 71800 mm3
Approx. weight 358 g/set
Ungapped
1) H = 250 A/m; f = 10 kHz; T = 100 °C
AL value is measured according to IEC 62044-2.
Visual inspection according to IEC 63093.
Gapped (AL values/air gaps examples)
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0 mm) and
one gapped core (dimension g > 0 mm).
Other AL values/air gaps and materials available on request – see Processing remarks on page 4.
Material AL value
nH
e
BS 1)
mT
PV
W/set
Ordering code
N27
4150 +30/–20%
1550
320
< 13.3 (200 mT, 25 kHz, 100 °C)
B66375G0000X127
N87
4500 +30/–20%
1680
320
< 6.5 (100 mT, 100 kHz, 100 °C)
B66375G0000X187
N97
4700 +30/–20%
1770
330
< 6.2 (100 mT, 100 kHz, 100 °C)
B66375G0000X197
N95
5700 +30/–20%
2130
330
< 9.0 (100 mT, 100 kHz, 120 °C)
< 9.0 (100 mT, 100 kHz, 25 °C)
< 7.5 (100 mT, 100 kHz, 100 °C)
< 7.5 (100 mT, 100 kHz, 80 °C)
B66375G0000X195
Material
g
mm
AL value
approx.
nH
e
Ordering code
N27
0.50
0.05
882
329
B66375G0500X127
N87
0.25
0.02
1440
540
B66375G0250X187



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com