Electronic Components Datasheet Search
  English  ▼

X  

B66417 Datasheet(PDF) 2 Page - EPCOS

Part # B66417
Description  Ferrites and accessories
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66417 Datasheet(HTML) 2 Page - EPCOS

  B66417 Datasheet HTML 1Page - EPCOS B66417 Datasheet HTML 2Page - EPCOS B66417 Datasheet HTML 3Page - EPCOS B66417 Datasheet HTML 4Page - EPCOS B66417 Datasheet HTML 5Page - EPCOS B66417 Datasheet HTML 6Page - EPCOS B66417 Datasheet HTML 7Page - EPCOS B66417 Datasheet HTML 8Page - EPCOS B66417 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
10/22
Please read Cautions and warnings and
Important notes at the end of this document.
To IEC 63093-14
E core with flattened, lower center leg
for especially flat transformer design
For DC/DC converters
Delivery mode: single units
Magnetic characteristics (per set)
l/A = 1.52 mm–1
le
= 47 mm
Ae = 31 mm2
Amin = 31 mm2
Ve = 1460 mm3
Approx. weight 7.2 g/set
Ungapped
Other AL values/air gaps and materials available on request – see Processing remarks on page 5.
Gapped (AL values/air gaps examples)
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0 mm)
and one gapped core (dimension g > 0 mm).
Material
AL value
nH
e
PV
W/set
Ordering code
PC200
560 +30/–20%
680
< 0.45 ( 50 mT, 1000 kHz, 100 °C)
< 0.55 ( 30 mT, 2000 kHz, 100 °C)
B66417G0000X608
N49
910 +30/–20%
1100
< 0.29 ( 50 mT, 500 kHz, 100 °C) B66417G0000X149
N87
1200 +30/–20%
1440
< 1.05 (200 mT, 100 kHz, 100 °C) B66417G0000X187
N97
1250 +30/–20%
1510
< 0.80 (200 mT, 100 kHz, 100 °C) B66417G0000X197
Material
AL value
nH
e
g
approx.
mm
Ordering code
N87
100
10%
120
0.49
B66417U0100K187
160
10%
193
0.25
B66417U0160K187
250
10%
300
0.13
B66417U0250K187
330 ±10%
398
0.09
B66417U0330K187
400 ±12%
483
0.07
B66417U0400H187
450 ±15%
543
0.06
B66417U0450L187
B66417
Core
EFD 20/10/7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com