Electronic Components Datasheet Search
  English  ▼

X  

B67345 Datasheet(PDF) 2 Page - EPCOS

Part # B67345
Description  Ferrites and accessories
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B67345 Datasheet(HTML) 2 Page - EPCOS

  B67345 Datasheet HTML 1Page - EPCOS B67345 Datasheet HTML 2Page - EPCOS B67345 Datasheet HTML 3Page - EPCOS B67345 Datasheet HTML 4Page - EPCOS B67345 Datasheet HTML 5Page - EPCOS B67345 Datasheet HTML 6Page - EPCOS B67345 Datasheet HTML 7Page - EPCOS B67345 Datasheet HTML 8Page - EPCOS B67345 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Please read Cautions and warnings and
Important notes at the end of this document
U 93/76/30 with I 93/28/30
Cores
B67345
10/24
Delivery mode: single units
For power transformers >1 kW (20 kHz)
Magnetic characteristics (per set)
The AL value in the table applies to a core set comprising two ungapped cores.
AL value is measured according to IEC 62044-2.
Visual inspection according to IEC 63093.
UU
93/152/30
UI
93/104/30
l/A
0.42
0.31
mm–1
le
354
258
mm
Ae
840
840
mm2
Amin
840
840
mm2
Ve
297000
217000
mm3
m
1500
1100
g/set
Material AL value
nH
e
PV
W/set
Ordering code
Combination UU 93/152/30
N27
5400 +30/–20%
1800
< 16.0 (100 mT, 25 kHz, 100 °C)
B67345B0001X027
N87
5700 +30/–20%
1900
< 5.5 (100 mT, 25 kHz, 100 °C)
B67345B0001X087
N97
5700 +30/–20%
1900
< 4.0 (100 mT, 25 kHz, 100 °C)
B67345B0001X097
N88
5000 +30/–20%
1680
< 5.5 (100 mT, 25 kHz, 120 °C)
B67345B0001X088
Combination UI 93/104/30
N27
7400 +30/–20%
1850
< 12.0 (100 mT, 25 kHz, 100 °C)
B67345B0001X027 (U)
B67345B0002X027 (I)
N87
7900 +30/–20%
1930
< 4.0 (100 mT, 25 kHz, 100 °C)
B67345B0001X087 (U)
B67345B0002X087 (I)
N97
8300 +30/–20%
2030
< 4.0 (100 mT, 25 kHz, 100 °C)
B67345B0001X097 (U)
B67345B0002X097 (I)
N88
6900 +30/–20%
1700
< 4.0 (100 mT, 25 kHz, 120 °C)
B67345B0001X088 (U)
B67345B0002X088 (I)
FUS0013-R
28±0.5
93±1.8
28±0.5
34.6 min.
30±0.6
93±1.8
30±0.6
Ground



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com