Electronic Components Datasheet Search
  English  ▼

X  

SIOV-B Datasheet(PDF) 3 Page - EPCOS

Part # SIOV-B
Description  SIOV Metal Oxide Varistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SIOV-B Datasheet(HTML) 3 Page - EPCOS

  SIOV-B Datasheet HTML 1Page - EPCOS SIOV-B Datasheet HTML 2Page - EPCOS SIOV-B Datasheet HTML 3Page - EPCOS SIOV-B Datasheet HTML 4Page - EPCOS SIOV-B Datasheet HTML 5Page - EPCOS SIOV-B Datasheet HTML 6Page - EPCOS SIOV-B Datasheet HTML 7Page - EPCOS SIOV-B Datasheet HTML 8Page - EPCOS SIOV-B Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
223 10/00
Characteristics (TA = 25 °C)
Type
SIOV-
Vv
(1 mA)
V
∆Vv
(1 mA)
%
Max. clamping voltage
Ctyp
(1 kHz)
pF
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
B40K75
120
± 10
220
300
11000
263
286
B32K130
205
± 10
340
200
4400
263
285
B40K130
205
± 10
340
300
5600
264
286
B60K130
205
± 10
340
500
15000
266
287
B80K130
205
± 10
340
800
28000
268
289
B32K150
240
± 10
395
200
3700
263
285
B40K150
240
± 10
395
300
4800
264
286
B60K150
240
± 10
395
500
12000
266
287
B80K150
240
± 10
395
800
23000
268
289
B32K230
360
± 10
595
200
2500
263
285
B40K230
360
± 10
595
300
3200
265
286
B60K230
360
± 10
595
500
7900
267
287
B80K230
360
± 10
595
800
16000
268
289
B32K250
390
± 10
650
200
2200
263
285
B40K250
390
± 10
650
300
2900
265
286
B60K250
390
± 10
650
500
7100
267
287
B80K250
390
± 10
650
800
14000
268
289
B32K275
430
± 10
710
200
2000
263
285
B40K275
430
± 10
710
300
2700
265
286
B60K275
430
± 10
710
500
6600
267
287
B80K275
430
± 10
710
800
13000
268
289
B32K320
510
± 10
840
200
1700
263
285
B40K320
510
± 10
840
300
2300
265
286
B60K320
510
± 10
840
500
5600
267
287
B80K320
510
± 10
840
800
11000
268
289
B32K385
620
± 10
1025
200
1400
263
285
B40K385
620
± 10
1025
300
1900
265
286
B60K385
620
± 10
1025
500
4600
267
287
B80K385
620
± 10
1025
800
9000
268
289
Block Varistors
SIOV Metal Oxide Varistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com