Electronic Components Datasheet Search
  English  ▼

X  

TMSTHS19-D0 Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # TMSTHS19-D0
Description  Threaded Stud Mounts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

TMSTHS19-D0 Datasheet(HTML) 2 Page - PANDUIT CORP.

  TMSTHS19-D0 Datasheet HTML 1Page - PANDUIT CORP. TMSTHS19-D0 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
C
B
A
C
B
© 2013 Panduit Corp.
ALL RIGHTS RESERVED.
WASP32--WW-ENG
Replaces WW-WASP09
1/2013
Threaded Stud Mounts
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.6863.6000
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Guadalajara, Mexico
cs-la@panduit.com
Phone: 52.33.3777.6000
Contact Customer Service by email: cs@panduit.com
or by phone: 800.777.3300
Visit us at www.panduit.com
For more information
Part Number
Used With
Cable Ties
Mounting
Method
Length A
Width B
Height C
Material
Color
In.
mm
In.
mm
In.
mm
TMSTHS10-D0
Miniature,
Intermediate,
Standard,
Heavy-Standard,
Light-Heavy,
Heavy
10mm stud
diameter
1.99
50.5
1.00
25.4
1.10
27.9
Impact Modified
Weather Resistant
Nylon 6.6
Black
TMSTHS12-D0
12mm stud
diameter
1.99
50.5
1.00
25.4
1.10
27.9
TMSTHS13-D0
1/2” stud
dia. (13mm)
1.99
50.5
1.00
25.4
1.10
27.9
TMSTHS16-D0
16mm stud
diameter
1.99
50.5
1.00
25.4
1.10
27.9
TMSTHS19-D0
3/4” stud
dia. (19mm)
1.99
50.5
1.00
25.4
1.10
27.9
Part Number
Used With
Cable Ties
Mounting
Method
Length A
Width B
Height C
Material
Color
In.
mm
In.
mm
In.
mm
TMSTLHS6-M0
Miniature,
Intermediate,
Standard,
Heavy-Standard,
Light-Heavy
6mm stud
diameter
1.25
31.8
0.48
12.2
0.95
24.1
Impact Modified
Weather Resistant
Nylon 6.6
Black
TMSTLHS8-M0
8mm stud
diameter
1.25
31.8
0.48
12.2
0.95
24.1
sizes and dimensions



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com