Electronic Components Datasheet Search
  English  ▼

X  

B80K130 Datasheet(PDF) 2 Page - EPCOS

Part # B80K130
Description  SIOV Metal Oxide Varistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B80K130 Datasheet(HTML) 2 Page - EPCOS

  B80K130 Datasheet HTML 1Page - EPCOS B80K130 Datasheet HTML 2Page - EPCOS B80K130 Datasheet HTML 3Page - EPCOS B80K130 Datasheet HTML 4Page - EPCOS B80K130 Datasheet HTML 5Page - EPCOS B80K130 Datasheet HTML 6Page - EPCOS B80K130 Datasheet HTML 7Page - EPCOS B80K130 Datasheet HTML 8Page - EPCOS B80K130 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
222 10/00
Maximum ratings (TA = 85 °C)
Type
SIOV-
Ordering code
NEW
VRMS
V
VDC
V
imax
8/20
µs
A
Wmax
(2 ms)
J
Pmax
W
B40K75
B72240-B750-K1
75
100
25000
190
1,4
B32K130
B72232-B131-K1
130
170
25000
210
1,2
B40K130
B72240-B131-K1
130
170
40000
310
1,4
B60K130
B72260-B131-K1
130
170
70000
490
1,6
B80K130
B72280-B131-K1
130
170
100000
660
2,0
B32K150
B72232-B151-K1
150
200
25000
240
1,2
B40K150
B72240-B151-K1
150
200
40000
360
1,4
B60K150
B72260-B151-K1
150
200
70000
570
1,6
B80K150
B72280-B151-K1
150
200
100000
800
2,0
B32K230
B72232-B231-K1
230
300
25000
300
1,2
B40K230
B72240-B231-K1
230
300
40000
460
1,4
B60K230
B72260-B231-K1
230
300
70000
730
1,6
B80K230
B72280-B231-K1
230
300
100000
1200
2,0
B32K250
B72232-B251-K1
250
320
25000
330
1,2
B40K250
B72240-B251-K1
250
320
40000
490
1,4
B60K250
B72260-B251-K1
250
320
70000
800
1,6
B80K250
B72280-B251-K1
250
320
100000
1300
2,0
B32K275
B72232-B271-K1
275
350
25000
360
1,2
B40K275
B72240-B271-K1
275
350
40000
550
1,4
B60K275
B72260-B271-K1
275
350
70000
860
1,6
B80K275
B72280-B271-K1
275
350
100000
1400
2,0
B32K320
B72232-B321-K1
320
420
25000
430
1,2
B40K320
B72240-B321-K1
320
420
40000
640
1,4
B60K320
B72260-B321-K1
320
420
70000
1000
1,6
B80K320
B72280-B321-K1
320
420
100000
1600
2,0
B32K385
B72232-B381-K1
385
505
25000
550
1,2
B40K385
B72240-B381-K1
385
505
40000
800
1,4
B60K385
B72260-B381-K1
385
505
70000
1200
1,6
B80K385
B72280-B381-K1
385
505
100000
2000
2,0
Upon request are available the varistor elements without plastic housing suitable for soldering.
Designations:
SIOV-D32K … K6
SIOV-D60K … K6
SIOV-D40K … QK6
SIOV-D80K … K6
Note:
New ordering codes implemented (refer to chapter Varistor Type Cross-Reference List)
Block Varistors
SIOV Metal Oxide Varistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com