Electronic Components Datasheet Search
  English  ▼

X  

LMI800 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMI800
Description  LMI800PS High Voltage Isolated Hotswap Controller with PMBus™ Interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMI800 Datasheet(HTML) 1 Page - Texas Instruments

  LMI800 Datasheet HTML 1Page - Texas Instruments LMI800 Datasheet HTML 2Page - Texas Instruments LMI800 Datasheet HTML 3Page - Texas Instruments LMI800 Datasheet HTML 4Page - Texas Instruments LMI800 Datasheet HTML 5Page - Texas Instruments LMI800 Datasheet HTML 6Page - Texas Instruments LMI800 Datasheet HTML 7Page - Texas Instruments LMI800 Datasheet HTML 8Page - Texas Instruments LMI800 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LMI800PS High Voltage Isolated Hotswap Controller with PMBus™ Interface
1 Features
• Isolated floating hotswap controller
– Support 2-wire, 3-wire system architectures
with high and low-side configurations
• Integrated Isolated Power Supply for hotswap
controller bias
• GND referrenced signals with Reinforced
insulation to 800V
– PGOOD, Fault assertion on SMBA and PMBus
Telemetry
• Robust isolation barrier:
– High lifetime at up to 1000VDC working voltage
– Up to 5000VRMS isolation rating
– Up to 10.4kV surge capability
• SYNC pin for coordination between high and low
side hotswap controllers
• DISC pin for output capacitor discharge control
• Strong gate pull down (1.2A) for fast turn OFF
• Robust short circuit protection (360ns)
• Failed FET detection
• Programable UV, OV, tFAULT thresholds
• External FET temperature sensing
• PMBus® interface for telemetry, control,
configuration and debug
– On chip EEPROM nonvolatile memory for
configuration
– Precision VIN, VOUT, IIN, PIN, VAUX monitoring V
(<±1.5%); I (<±1%); P (<±2%)
– Power cycle with a single command
– Blackbox fault recording of multiple events with
relative time stamp stored in internal EEPROM
• 12-bit ADC with 250kHz sampling rate
• –40°C < TJ < 125°C operation
2 Applications
• 800V servers and datacenter
• Base station power distribution
• Networking routers and switchers
• PLC power management
• 400V to 800V industrial systems
3 Description
The LMI800PS is high voltage isolated floating
hotswap controller designed to support 2-wire and
3-wire system architecture with high and low side
configuration for server and datacentres. This device
requires only single power supply input referred to
user ground and utlizes inbuilt isolated power supply
for the hotswap controller bias. All user interface are
reinforced isolated to 800V and ensured alignment
with UL safety standards.
The LMI800PS comes with SYNC pin for coordination
between high and low side hotswap controllers which
provides user a liberty to optimize the FET rating. The
DISC pin provides control feature to discharge the
output load capacitor during system plug out.
It has Programmable power limit threshold along
with adjustable fault time (tFAULT) which further limits
maximum power dissipation and ensure FET SOA
protection under all critical events.
An integrated PMBus™interface enables remote
monitoring, control, and configuration of the system
in real time. Key parameters can be accessed
remotely for telemetry, and various thresholds can be
configured through PMBus or stored in internal non
volatile memory.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
PLMI800PSDVVR
DVV (SSOP 40)
10.65mm × 7.5mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
LMI800 Simplified Schematic
800P
RDIS
800V
0V
COUT
D1
Q1
Q2
5V
VCCL
800N
DISC
5V
5V
EN
RSNS
DRAIN
GATE1 GATE2
VEE
VCCH
LMI800PS
DIODE
SMBASCL
SDA
ISOLATION BARRIER
GND
OPOUTN
OPVOUT
ENL
OPINP
OPINN
OPVIN
ADDR
TMR
ENB
VDD
LDO
V5IN
DC-DC
Primary
DC-DC
Secondary
VCCH
VEE
PGD
ISNSP
ISNSN
SYNC
SFT_ST
RT
5V
DISC
RPU
800N
SMBus
Interface
PG
AUX
(5.5-6.5V)
800V
Q3
D2
VCCL
LMI800
SLVSNZ8 – OCTOBER 2026
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - LMI800

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMI LEIDITECH-LMI Datasheet
1Mb / 7P
Moiding power lnducto rs
LMI201210A-2R2M LEIDITECH-LMI201210A-2R2M Datasheet
1Mb / 7P
Moiding power lnducto rs
LMI201608A-1R0M LEIDITECH-LMI201608A-1R0M Datasheet
1Mb / 7P
Moiding power lnducto rs
LMI201608A-1R5M LEIDITECH-LMI201608A-1R5M Datasheet
1Mb / 7P
Moiding power lnducto rs
LMI201608A-R47M LEIDITECH-LMI201608A-R47M Datasheet
1Mb / 7P
Moiding power lnducto rs
More results

Similar Description - LMI800

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV302DB1 SUTEX-HV302DB1 Datasheet
320Kb / 2P
Hotswap Controller
logo
Texas Instruments
TPS2490 TI-TPS2490 Datasheet
519Kb / 20P
POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_07 Datasheet
566Kb / 22P
POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
Digital DC/DC Controller with PMBus Interface
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
logo
Analog Devices
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
logo
Texas Instruments
LM5066 TI1-LM5066_16 Datasheet
2Mb / 65P
Hotswap Controller With I/V/P Monitoring and PMBus Interface
logo
Analog Devices
LTC7841 AD-LTC7841 Datasheet
1Mb / 48P
PolyPhase Synchronous Boost Controller with PMBus Interface
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
Digital Controller for Isolated Power Supply with PMBus Interface
6/2017-Rev. A to Rev. B
logo
STMicroelectronics
STPDDC60 STMICROELECTRONICS-STPDDC60 Datasheet
97Kb / 3P
Universal digital multicell controller with PMBus™
06-Mar-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com