Electronic Components Datasheet Search
  English  ▼

X  

B60K1000 Datasheet(PDF) 4 Page - EPCOS

Part # B60K1000
Description  SIOV Metal Oxide Varistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B60K1000 Datasheet(HTML) 4 Page - EPCOS

  B60K1000 Datasheet HTML 1Page - EPCOS B60K1000 Datasheet HTML 2Page - EPCOS B60K1000 Datasheet HTML 3Page - EPCOS B60K1000 Datasheet HTML 4Page - EPCOS B60K1000 Datasheet HTML 5Page - EPCOS B60K1000 Datasheet HTML 6Page - EPCOS B60K1000 Datasheet HTML 7Page - EPCOS B60K1000 Datasheet HTML 8Page - EPCOS B60K1000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
224 10/00
1) Operating voltage differs from type designation
B32K420
B72232-B421-K1
420
560
25000
600
1,2
B40K420
B72240-B421-K1
420
560
40000
910
1,4
B60K420
B72260-B421-K1
420
560
70000
1500
1,6
B80K420
B72280-B421-K1
420
560
100000
2200
2,0
B32K440
B72232-B441-K1
440
585
25000
630
1,2
B40K440
B72240-B441-K1
440
585
40000
950
1,4
B60K440
B72260-B441-K1
440
585
70000
1580
1,6
B80K440
B72280-B441-K1
440
585
100000
2350
2,0
B32K460
B72232-B461-K1
460
615
25000
660
1,2
B40K460
B72240-B461-K1
460
615
40000
1000
1,4
B60K460
B72260-B461-K1
460
615
70000
1650
1,6
B80K460
B72280-B461-K1
460
615
100000
2500
2,0
B32K550
B72232-B551-K1
550
745
25000
620
1,2
B40K550
B72240-B551-K1
550
745
40000
960
1,4
B60K550
B72260-B551-K1
550
745
70000
1500
1,6
B80K550
B72280-B551-K1
550
745
100000
3100
2,0
B32K680
B72232-B681-K1
680
895
25000
760
1,2
B40K680
B72240-B681-K1
680
895
40000
1100
1,4
B60K680
B72260-B681-K1
680
895
70000
1800
1,6
B80K680
B72280-B681-K1
680
895
100000
3600
2,0
B32K750
B72232-B751-K1
750
970
25000
800
1,2
B40K750
B72240-B751-K1
750
970
40000
1200
1,4
B60K750
B72260-B751-K1
750
970
70000
2000
1,6
B80K750
B72280-B751-K1
750
970
100000
4000
2,0
B60K10001)
B72260-B102-K1
1100
1465
70000
3000
1,6
B80K1100
B72280-B112-K1
1100
1465
100000
6000
2,0
Maximum ratings (TA = 85 °C)
Type
SIOV-
Ordering code
NEW
VRMS
V
VDC
V
imax
8/20
µs
A
Wmax
(2 ms)
J
Pmax
W
Upon request are available the varistor elements without plastic housing suitable for soldering.
Designations:
SIOV-D32K … K6
SIOV-D60K … K6
SIOV-D40K … QK6
SIOV-D80K … K6
Note:
New ordering codes implemented (refer to chapter Varistor Type Cross-Reference List)
Block Varistors
SIOV Metal Oxide Varistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com