Electronic Components Datasheet Search
  English  ▼

X  

MP064 Datasheet(PDF) 1 Page - CTS Corporation

Part # MP064
Description  Quartz Crystal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

MP064 Datasheet(HTML) 1 Page - CTS Corporation

  MP064 Datasheet HTML 1Page - CTS Corporation MP064 Datasheet HTML 2Page - CTS Corporation MP064 Datasheet HTML 3Page - CTS Corporation MP064 Datasheet HTML 4Page - CTS Corporation MP064 Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document No. 008-0308-0
Page 1 - 5
Rev. C
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
٠ ٠ ٠ www.ctscorp.com ٠ ٠ ٠
MP Series
Quartz Crystal
FEATURES
• Standard HC-49/U Package, HC-49/U SM
Package Option Available
• Stable Frequency Over Temperature and
Drive Level
• Fundamental and 3rd Overtone Crystals
• Frequency Range 1.8 – 48 MHz
• Frequency Tolerance, ±45 ppm Standard
• Frequency Stability, ±50 ppm Standard
• Operating Temperature, –20°C to +70°C
• Tape & Reel Packaging Available
• RoHS/Green Compliant
DESCRIPTION
The MP crystal series offers excellent long-term
stability and reliability in a proven resistance-
weld metal package. The excellent shock
performance makes it suitable for
microprocessor, telecommunication, consumer
electronic and networking applications.
STANDARD PART NUMBERS AVAILABLE @ CTS DISTRIBUTORS
MP
MP
PART NUMBER FREQUENCY
(MHz)
LOAD
CAPACITANCE
OPERATING
MODE
PART NUMBER FREQUENCY
(MHz)
LOAD
CAPACITANCE
OPERATING
MODE
MP018S
1.843200
13 pF
Fundamental
MP101
10.000000
30 pF
Fundamental
MP020S
2.000000
20 pF
Fundamental
MP107
10.738635
32 pF
Fundamental
MP024S
2.457600
32 pF
Fundamental
MP110
11.000000
18 pF
Fundamental
MPS036S
3.579545
18 pF
Fundamental
MP111
11.059200
Series
Fundamental
MP037
3.686400
20 pF
Fundamental
MP120
12.000000
Series
Fundamental
MP040
4.000000
20 pF
Fundamental
MP122
12.288000
32 pF
Fundamental
MP04A
4.000000
Series
Fundamental
MP143
14.318180
Series
Fundamental
MP041
4.194304
12 pF
Fundamental
MP147
14.745600
Series
Fundamental
MP042
4.915200
20 pF
Fundamental
MP150
15.000000
Series
Fundamental
MP05A
5.000000
20 pF
Fundamental
MP160
16.000000
Series
Fundamental
MP05B
5.000000
Series
Fundamental
MP184
18.432000
Series
Fundamental
MP060
6.000000
20 pF
Fundamental
MP196
19.660800
Series
Fundamental
MP061
6.144000
20 pF
Fundamental
MP200
20.000000
Series
Fundamental
MP073
7.372800
Series
Fundamental
MP221
22.118400
Series
Fundamental
MP080
8.000000
Series
Fundamental
MP240
24.000000
Series
Fundamental
MP080A
8.000000
20 pF
Fundamental
MP245
24.576000
Series
Fundamental
MP098
9.830400
20 pF
Fundamental
MP250
25.000000
Series
Fundamental
MP100
10.000000
Series
Fundamental
Contact your authorized CTS Distributor for availability.


Similar Part No. - MP064

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP06446 GOLLEDGE-MP06446 Datasheet
310Kb / 6P
SAW Filter 2650.0MHz
MP06447 GOLLEDGE-MP06447 Datasheet
238Kb / 6P
SAW Filter 954.50MHz
MP06477 GOLLEDGE-MP06477 Datasheet
287Kb / 6P
SAW Resonator: 868.950MHz
More results

Similar Description - MP064

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC-49US ETC1-HC-49US Datasheet
216Kb / 1P
QUARTZ CRYSTAL
logo
ECS, Inc.
HC-49U ECS-HC-49U Datasheet
157Kb / 1P
QUARTZ CRYSTAL
HC-49US ECS-HC-49US Datasheet
216Kb / 1P
QUARTZ CRYSTAL
logo
Jauch Quartz Gmbh
SMQ32 JAUCH-SMQ32 Datasheet
108Kb / 2P
Quartz Crystal
SM26F JAUCH-SM26F Datasheet
79Kb / 1P
Quartz Crystal
JXE63 JAUCH-JXE63 Datasheet
67Kb / 2P
Quartz Crystal
JXE115 JAUCH-JXE115 Datasheet
65Kb / 2P
Quartz Crystal
HC49-U-SMC JAUCH-HC49-U-SMC Datasheet
151Kb / 2P
Quartz Crystal
logo
ECS, Inc.
CSM-3X ECS-CSM-3X Datasheet
601Kb / 2P
Quartz Crystal
logo
AiT Semiconductor Inc.
KSS1210 AITSEMI-KSS1210 Datasheet
220Kb / 1P
QUARTZ CRYSTAL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com