Electronic Components Datasheet Search
  English  ▼

X  

7812 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 7812
Description  Three Terminal Positive Voltage Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

7812 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  7812 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 7812 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Three Terminal Positive Voltage Regulator
7812
www.iscsemi.com
1
DESCRIPTION
·
Output current in excess of 1.5A
·
Output voltage of 12V
·
Internal thermal overload protection
·
Output transition Safe-Area compensation
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
Vi
DC input voltage
35
V
Io
Output current
internally limited
--
Ptot
Power dissipation
internally limited
--
TOP
Operating junction temperature
0~150
℃
Tstg
Storage temperature
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
3
℃
/W
Rth j-a
Thermal Resistance,Junction to Ambient
50
℃
/W
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VO
Output Voltage
Vin= 14.5~27V; IO= 5~750mA
11.4
12.6
V
△
VO
Line Regulation
14.5V≤Vin≤30V
--
240
mV
△
Vi
Load Regulation
5.0mA≤IO≤1.5 A
--
240
mV
Iq
Quiescent Current
TJ=25℃
--
8.0
mA
△q1
Quiescent Current Change
5.0mA≤IO≤1.0A
--
0.5
mA
△q2
Quiescent Current Change
14.5V≤Vin≤30V
--
1.0
mA


Similar Part No. - 7812

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
7812 MOTOROLA-7812 Datasheet
278Kb / 16P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
National Semiconductor ...
7812 NSC-7812 Datasheet
147Kb / 8P
Series Voltage Regulators
logo
Analog Devices
7812 AD-7812 Datasheet
200Kb / 19P
2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV.B
logo
KEC(Korea Electronics)
7812 KEC-7812 Datasheet
382Kb / 20P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
7812 ETC1-7812 Datasheet
253Kb / 2P
LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
More results

Similar Description - 7812

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
LM78L10 KEXIN-LM78L10 Datasheet
55Kb / 2P
Three-Terminal Positive Voltage Regulator
LM78L05 KEXIN-LM78L05 Datasheet
55Kb / 2P
Three-Terminal Positive Voltage Regulator
78M12 KEXIN-78M12 Datasheet
179Kb / 1P
Three-terminal Positive Voltage Regulator
LM78M06 KEXIN-LM78M06 Datasheet
54Kb / 2P
Three-Terminal Positive Voltage Regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ7815 WINNERJOIN-WEJ7815 Datasheet
162Kb / 1P
Three-terminal positive voltage regulator
WEJ78M05-TO-252 WINNERJOIN-WEJ78M05-TO-252 Datasheet
80Kb / 1P
Three-terminal positive voltage regulator
WEJ78L15-TO-92 WINNERJOIN-WEJ78L15-TO-92 Datasheet
164Kb / 1P
Three-terminal positive voltage regulator
WEJ78L06-TO-92 WINNERJOIN-WEJ78L06-TO-92 Datasheet
142Kb / 1P
Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
Three-terminal positive voltage regulator
78L05 LUGUANG-78L05 Datasheet
307Kb / 3P
Three-terminal positive voltage regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com