Electronic Components Datasheet Search
  English  ▼

X  

ASC250ML Datasheet(PDF) 1 Page - Electrolube

Part # ASC250ML
Description  Anti-Static Glass Cleaner
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELECTROLUBE [Electrolube]
Direct Link  https://electrolube.com/
Logo ELECTROLUBE - Electrolube

ASC250ML Datasheet(HTML) 1 Page - Electrolube

  ASC250ML Datasheet HTML 1Page - Electrolube  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page 1
ASC
Anti-Static Glass Cleaner
ASC is an anti-static cleaner for glass, anti-glare filters and monitors. Designed to clean with a streak-free finish,
it inhibits dust and static charge, which reduces the risk of eyestrain and mistakes.
•
Eliminates static discharges and prevents reoccurrence
•
Suitable for use on a wide variety of glass surfaces, including computer screens and monitors
•
Supplied in pump action bottle for use in hazardous working environments
•
Safe on delicate surfaces; also suitable for use on mirrors and lenses
Typical Properties
Form
Colourless liquid
Density (g/ml)
0.995
Boiling Point (°C)
>100
Flash Point
Non-Flammable to BAMA Tests
Description
Packaging
Order Code
Shelf Life
Anti-Static Glass Cleaner
250ml Pump spray
ASC250ML
36 Months
Directions for Use
Suitable for use on coated glass, (except TFT and LCD), VDU screens, screen filters (except mesh screens),
microfilm and microfiche readers, mirrors and lens.
Apply and dry with Electrolube Anti-Static Wipes, AAC.
Revision 1: Jan 2014


Similar Part No. - ASC250ML

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASC2512-33RFT4 ETC2-ASC2512-33RFT4 Datasheet
144Kb / 2P
Anti Sulphur Chip Resistors
More results

Similar Description - ASC250ML

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
521F ETC-521F Datasheet
115Kb / 1P
SOLDER PASTES/CLEANER
logo
3M Electronics
9920 3M-9920 Datasheet
477Kb / 7P
Static Control Anti-Fatigue Mat 9900 Series
logo
Grayhill, Inc
71L30-01-3-02N GRAYHILL-71L30-01-3-02N Datasheet
72Kb / 2P
Multi-Deck, Standard & Anti-Static
71L30-03-1-12N-F GRAYHILL-71L30-03-1-12N-F Datasheet
312Kb / 2P
Multi-Deck, Standard Anti-Static
logo
Tripp Lite. All Rights ...
P999000 TRIPPLITE-P999000 Datasheet
476Kb / 1P
ESD Anti-Static Wrist Strap Band with Grounding Wire
logo
Rosenberger Hochfrequen...
98W005-000 ROSENBERGER-98W005-000 Datasheet
133Kb / 1P
Click Cleaner
logo
Tripp Lite. All Rights ...
P999-000 TRIPPLITE-P999-000 Datasheet
159Kb / 2P
ESD Anti-Static Wrist Strap Band with Grounding Wire
logo
Keystone Electronics Co...
8894 KEYSTONE-8894 Datasheet
223Kb / 1P
ANTI-STATIC IC TRAY CLIP
logo
PHOENIX CONTACT
1611796 PHOENIX-1611796 Datasheet
241Kb / 2P
Plastic anti-static dust protection cap - RC-Z2468
1611797 PHOENIX-1611797 Datasheet
218Kb / 2P
Plastic anti-static dust protection cap - RC-Z2469
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com