Electronic Components Datasheet Search
  English  ▼

X  

23120068. Datasheet(PDF) 1 Page - WERMA Signaltechnik GmbH + Co. KG

Part # 23120068.
Description  Micro installation beacon / LED Beacon 231
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WERMA [WERMA Signaltechnik GmbH + Co. KG]
Direct Link  https://www.werma.com/
Logo WERMA - WERMA Signaltechnik GmbH + Co. KG

23120068. Datasheet(HTML) 1 Page - WERMA Signaltechnik GmbH + Co. KG

  23120068. Datasheet HTML 1Page - WERMA Signaltechnik GmbH + Co. KG 23120068. Datasheet HTML 2Page - WERMA Signaltechnik GmbH + Co. KG 23120068. Datasheet HTML 3Page - WERMA Signaltechnik GmbH + Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Techn. datasheet
Micro installation beacon / LED Beacon 231
Micro LED-Einbauleuchte 230VAC GN
! For additional installation and mounting information, refer to the appropriate user guide at www.werma.com. This
printed copy is for information only and is subject to alteration.
WERMA Signaltechnik GmbH + Co. KG · Dürbheimer Straße 15 · D-78604 Rietheim-Weilheim
Tel +49(0) 74 24 95 57-0 · Fax +49(0) 74 24 95 57-44 · info@werma.com · www.werma.com
1/3
14.09.2022 / 231.200.68
Part No.: 231.200.68
MECHANICAL DATA
Height
152 mm
Diameter
29 mm
Materials
PC
PC/ABS
Dome colour
Green
Housing colour
Black
Protection category
IP65
Connection
Cable
Cable length
105 mm
Type of fixing
Built-in mounting
Working temperature minimum
-20°C
Working temperature maximum
+50°C
Weight with packaging
21 g
Product weight
16 g
ELECTRICAL DATA
Operating voltage
230V
Operating voltage type
AC
Operating voltage frequency
50Hz
Operating voltage tolerance
+/- 10%
Rated operational voltage
230 VAC
Rated operational current
20 mA
Rated inrush current
500 mA
Protection class
Protection class 2
Pollution degree
3
In the connection area: 2
Overvoltage category
II
Isolation voltage
Ui = 250V; Uimp = 2.500V
OPTICAL DATA
Light source
LED
Light colour
Green
Optical signal image
Permanent
Service life optical
100,000 h maximum
APPROVAL DATA
Conforms with CE
Yes
WEEE
Yes


Similar Part No. - 23120068.

ManufacturerPart #DatasheetDescription
logo
WERMA Signaltechnik Gmb...
23120055 WERMA-23120055 Datasheet
241Kb / 3P
Micro installation beacon / LED Beacon 231
14.09.2022
23120055. WERMA-23120055. Datasheet
241Kb / 3P
Micro installation beacon / LED Beacon 231
14.09.2022
More results

Similar Description - 23120068.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DL1BLB ETC2-DL1BLB Datasheet
99Kb / 2P
DL1BLB Indicating Beacon
logo
PHOENIX CONTACT
2700115 PHOENIX-2700115 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
2700124 PHOENIX-2700124 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
2700129 PHOENIX-2700129 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
2700130 PHOENIX-2700130 Datasheet
140Kb / 5P
LED random flashing beacon element, 24 V DC
2700134 PHOENIX-2700134 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
logo
Banner Engineering Corp...
K50 BANNER-K50_V11 Datasheet
481Kb / 6P
EZ-LIGHT짰 K50 Beacon
logo
Pepperl+Fuchs Inc.
LOC-EX01 PF-LOC-EX01 Datasheet
959Kb / 2P
Bluetooth짰 Low Energy Beacon
2021-06-28
LOC01SC PF-LOC01SC Datasheet
1Mb / 2P
Bluetooth짰 Low Energy Beacon
2021-12-07
logo
Schneider Electric
XVR13M04L SCHNEIDER-XVR13M04L_V01 Datasheet
128Kb / 4P
Harmony XVR Rotating Beacon Lights
Jan 13, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com