Electronic Components Datasheet Search
  English  ▼

X  

46151060 Datasheet(PDF) 1 Page - WERMA Signaltechnik GmbH + Co. KG

Part # 46151060
Description  Midi / EvoSIGNAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WERMA [WERMA Signaltechnik GmbH + Co. KG]
Direct Link  https://www.werma.com/
Logo WERMA - WERMA Signaltechnik GmbH + Co. KG

46151060 Datasheet(HTML) 1 Page - WERMA Signaltechnik GmbH + Co. KG

  46151060 Datasheet HTML 1Page - WERMA Signaltechnik GmbH + Co. KG 46151060 Datasheet HTML 2Page - WERMA Signaltechnik GmbH + Co. KG 46151060 Datasheet HTML 3Page - WERMA Signaltechnik GmbH + Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Techn. datasheet
Midi / EvoSIGNAL
Midi TwinLIGHT Combi 115-230VAC BU
! For additional installation and mounting information, refer to the appropriate user guide at www.werma.com. This
printed copy is for information only and is subject to alteration.
WERMA Signaltechnik GmbH + Co. KG · Dürbheimer Straße 15 · D-78604 Rietheim-Weilheim
Tel +49(0) 74 24 95 57-0 · Fax +49(0) 74 24 95 57-44 · info@werma.com · www.werma.com
1/3
21.09.2021 / 461.510.60
Part No.: 461.510.60
Series:
EvoSIGNAL Midi
MECHANICAL DATA
Height
130 mm
Diameter
85 mm
Materials
PC
PC/ABS
Dome colour
Blue
Housing colour
Grey
Protection category
IP66
Connection
Push-in terminal
cross-sectional area minimum
0,25mm² / 24AWG
cross-sectional area maximum
1,50mm² / 16AWG
Working temperature minimum
-30°C
Working temperature maximum
+60°C
Weight with packaging
222 g
Product weight
180 g
ELECTRICAL DATA
Operating voltage
115-230V
Operating voltage type
AC
Operating voltage frequency
50Hz at 230V
60Hz at 115V
Operating voltage tolerance
+/- 10%
Rated operational voltage
230 VAC
Rated operational current
150 mA
Rated inrush current
7A
Protection class
Protection class 2
Pollution degree
3
Overvoltage category
II
Isolation voltage
Ui = 250V; Uimp = 2.500V
OPTICAL DATA
Light source
LED
Light colour
Blue
Optical signal image
Blink
Permanent
TwinLight
Blink frequency (Hz)
1 Hz
Service life optical
50,000 h minimum
Pulse- & pause Duration [ms]
423ON, 496OFF
ACUSTICAL DATA


Similar Part No. - 46151060

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
4615100 TURCK-4615100 Datasheet
1Mb / 3P
Inductive Sensor – With Increased Switching Distance
11/07/2023
More results

Similar Description - 46151060

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YM3802 ETC1-YM3802 Datasheet
242Kb / 8P
MIDI Communication Sevice Controller
logo
SONiX Technology Compan...
SNC82030 SONIX-SNC82030 Datasheet
120Kb / 13P
12-Channel MIDI/Speech Controller
SNC82268 SONIX-SNC82268 Datasheet
121Kb / 13P
12-Channel MIDI/Speech Controller
SNC88168 SONIX-SNC88168 Datasheet
123Kb / 14P
24-Channel MIDI/Speech Controller
logo
List of Unclassifed Man...
VS1103B ETC2-VS1103B Datasheet
559Kb / 61P
MIDI/ADPCM AUDIO CODEC
M-80 ETC1-M-80 Datasheet
225Kb / 2P
4AA MIDI TORCH
logo
Assmann Electronics Inc...
AK305-5-R ASSMANN-AK305-5-R Datasheet
232Kb / 1P
MIDI INTERFACE CABLE
logo
Coilcraft lnc.
1812SMS-22NGLC COILCRAFT-1812SMS-22NGLC_15 Datasheet
553Kb / 2P
Midi Spring짰 Air Core Inductors
logo
Littelfuse
04980921GXM5 LITTELFUSE-04980921GXM5 Datasheet
836Kb / 2P
INLINE MIDI FUSE HOLDER
logo
Nanjing Qinheng Microel...
CH345 WCH-CH345 Datasheet
130Kb / 5P
USB MIDI Chip
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com