Electronic Components Datasheet Search
  English  ▼

X  

63431075 Datasheet(PDF) 4 Page - WERMA Signaltechnik GmbH + Co. KG

Part # 63431075
Description  This is how you can assemble your signal tower
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WERMA [WERMA Signaltechnik GmbH + Co. KG]
Direct Link  https://www.werma.com/
Logo WERMA - WERMA Signaltechnik GmbH + Co. KG

63431075 Datasheet(HTML) 4 Page - WERMA Signaltechnik GmbH + Co. KG

  63431075 Datasheet HTML 1Page - WERMA Signaltechnik GmbH + Co. KG 63431075 Datasheet HTML 2Page - WERMA Signaltechnik GmbH + Co. KG 63431075 Datasheet HTML 3Page - WERMA Signaltechnik GmbH + Co. KG 63431075 Datasheet HTML 4Page - WERMA Signaltechnik GmbH + Co. KG 63431075 Datasheet HTML 5Page - WERMA Signaltechnik GmbH + Co. KG 63431075 Datasheet HTML 6Page - WERMA Signaltechnik GmbH + Co. KG 63431075 Datasheet HTML 7Page - WERMA Signaltechnik GmbH + Co. KG 63431075 Datasheet HTML 8Page - WERMA Signaltechnik GmbH + Co. KG 63431075 Datasheet HTML 9Page - WERMA Signaltechnik GmbH + Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
7
www.werma.com
+60°C
-30°C
IP66
630/634/635
KombiSIGN 40 - Terminal Elements
TECHNICAL DIAGRAMS
see page 19 + 20 + 23
ORDER SPECIFICATIONS:
TECHNICAL SPECIFICATIONS:
ACCESSORIES:
Bracket for assembly on aluminium profiles
Bracket for concealed cable entry
Terminal element
Dimensions (Ø x Höhe):
Housing:
Fixing:
Seal:
Number of
modules possible:
Voltage:
Adapter for base mounting
Dimensions (Ø x Height):
Material:
Adapter single hole mounting
Dimensions (Ø x Height):
Material:
Adapter tube mounting
Dimensions (Ø x Height):
Material:
40 mm x 40 mm
PC
Base mounting, Single hole mounting, Tube mounting
Pre-mounted with each module
Max. 5
24 V AC/DC
40 mm x 30 mm
PC
40 mm x 54 mm
PC
40 mm x 75 mm
PC
Terminal element
Adapter for base mounting
Adapter for single hole mounting
Adapter for tube mounting
ClassicLOOK
630 800 75
630 810 00
630 820 00
630 830 00
ClassicLOOK
960 630 02
960 630 01
DesignLOOK
630 700 75
630 710 00
630 720 00
630 730 00
Available: 1st Quarter 2016
DesignLOOK
960 630 06
960 630 05
KombiSIGN 40 DesignLOOK
assembly adapter for
single hole mounting
KombiSIGN 40 ClassicLOOK
assembly adapter for
base mounting
KombiSIGN 40 DesignLOOK
assembly adapter for
tube mounting
• The right solution for every
installation



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com