Electronic Components Datasheet Search
  English  ▼

X  

63453075 Datasheet(PDF) 11 Page - WERMA Signaltechnik GmbH + Co. KG

Part # 63453075
Description  This is how you can assemble your signal tower
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WERMA [WERMA Signaltechnik GmbH + Co. KG]
Direct Link  https://www.werma.com/
Logo WERMA - WERMA Signaltechnik GmbH + Co. KG

63453075 Datasheet(HTML) 11 Page - WERMA Signaltechnik GmbH + Co. KG

Back Button 63453075 Datasheet HTML 3Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 4Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 5Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 6Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 7Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 8Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 9Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 10Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 11Page - WERMA Signaltechnik GmbH + Co. KG  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
310.630.001.1015
© D
4
630 720 00, 630 820 00
+ 960 630 02, 960 630 06
5
630 730 00
630 830 00
2.
1.
4.
IP 66
1.
3.
Ø25 mm
ؽ“NPT
6
Optional
960 630 0x
7
630 700 00
630 800 00
DANGER
!
7a
634
0
1
7b
635 x00 75
2
max.
85dB
WARNING
!
0
1
85 dB
Tone Dip-Schalter
Dip-Switch
Tone type Frequencies Pulse
1
0
2900Hz
1 HZ
2
1
2900 Hz
7c
635 x10 55
8
8
0
1234
1
8
8
Volume
89-95 dB
3d
Tone Code
1234
Tone type
Frequencies
Pulse
1
000x
Dauerton
continuous,
4300 Hz
2
100x
Dauerton
continuous,
2100 Hz
3
010x
pulsierend,
pulse
4300 Hz
1 Hz
4
110x
pulsierend,
pulse
2100 Hz
1 Hz
5
001x
pulsierend,
pulse
4300 Hz
420 Hz
6
101x
pulsierend,
pulse
2100 Hz
420 Hz
7
011x
pulsierend,
pulse
4300 Hz
20 Hz
8
111x
Sweep
2100-
4300 Hz
Volume
000x
1.
2.
8
SIGNAL TECHNIK
Colour (RD)
24V
Colour (GN)
24V
Colour (YE)
24V 24V
Colour (
BU)
24V
Colour (WH)
24V 24V
24V
Colour (
CYAN)
24V
24V
Colour (
VIOL)
24V
24V
634 x10 75
634 x30 75
Dip-Schalter Dip-Switch
Leuchtbild
Light effect
1
Dauerlicht
Permanent light
0
Blinklicht
Blinking light
634 x20 55
634 x40 55
Dip-Schalter Dip-Switch
Leuchtbild
Light effect
0
Blitzlicht
Flashing light
1
EVS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com