Electronic Components Datasheet Search
  English  ▼

X  

64410075 Datasheet(PDF) 1 Page - WERMA Signaltechnik GmbH + Co. KG

Part # 64410075
Description  LED-Dauerlichtel. KS71
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WERMA [WERMA Signaltechnik GmbH + Co. KG]
Direct Link  https://www.werma.com/
Logo WERMA - WERMA Signaltechnik GmbH + Co. KG

64410075 Datasheet(HTML) 1 Page - WERMA Signaltechnik GmbH + Co. KG

  64410075 Datasheet HTML 1Page - WERMA Signaltechnik GmbH + Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(vorläufiges techn. Datenblatt)
(provisional technical data sheet)
WERMA Signaltechnik
GmbH + Co. KG
Dürbheimer Straße 15
78604 Rietheim-Weilheim
Phone +49(0)7424 9557-0
Fax
+49(0)7424 9557-44
info@werma.de
LED-Dauerlichtel. KS71
LED Perm. light el. KS71
644 X00 XX Multifassung
Gezeichnet
drawn up
Geprüft
checked
Freigegeben
released
Name name
E. Jennert-Berndt
S. Neumann
C. Höhler
Datenblatt-Nr.
data sheet no.
312644001
Datum date
20.12.2006
21.12.2006
02.01.2007
Seite 1 v. 1 page 1 of 1
QM69-96
Hinweis: Alle Angaben beziehen sich auf Unenn und Raumtemperatur!
Note: All electrical and life duration specifications refer to Unenn and room temperature!
Elektrische Daten:
electrical specification
Betriebsspannung:
operating voltage
Unenn = 24V/115V/230V
Einschaltstrom:
starting current
< 0,5A bei 24V
< 0,5A at 24V
Stromaufnahme:
current consumption
644 #00 75
#=1,3
(max. 30 mA)
#=2,4,5
(max. 25mA)
644 #00 67 (max. 20 mA)
644 #00 68 (max. 20 mA)
Lebensdauer:
life duration
bis zu 100.000 Std
up to 100.000 h
Bestell-Nr.:
order no.:
644 #00 75 24 V
AC/DC
644 #00 67 115 V
AC
644 #00 68 230 V
AC
# 1 = rot 2 = grün 3 = gelb 4 = klar 5 = blau
# 1 = red 2 = green 3 =yellow 4 = clear 5 = blue
Mechanische Daten:
mechanical specification
Material:
material
Polycarbonat
Polycarbonate
Masse ca.:
weight approx.
58 g
Dichtung:
seal
bei jedem Element vormon-
tiert
premounted with each element
Temperatur:
temperature
ta -20° ... +50 °C
Schutzart:
protection rating
IP 65 in montiertem Zustand
oder mit Abschlussdeckel
IP 65 when mounted or with cap
Vorschriften:
regulations
Die zutreffenden EG-
Richtlinien werden erfüllt /
UL-Listung vorhanden
conforms to current
EU regulations / UL listed
Dichtung vormontiert/
seal premounted


Similar Part No. - 64410075

ManufacturerPart #DatasheetDescription
logo
Presto International UK...
64410 PRESTO-64410 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
More results

Similar Description - 64410075

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
LED
NSPG520S ETC-NSPG520S Datasheet
868Kb / 15P
LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
LED
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
logo
NICHIA CORPORATION
NESB146AT NICHIA-NESB146AT Datasheet
274Kb / 17P
LED
NFSL172AT NICHIA-NFSL172AT Datasheet
291Kb / 19P
LED
NHSB064T-N3 NICHIA-NHSB064T-N3 Datasheet
296Kb / 19P
LED
NSSB146AT-NA NICHIA-NSSB146AT-NA Datasheet
568Kb / 18P
LED
logo
KODENSHI_AUK CORP.
KP5450R66E6F KODENSHI-KP5450R66E6F Datasheet
127Kb / 5P
LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com