Electronic Components Datasheet Search
  English  ▼

X  

B82114RA4 Datasheet(PDF) 3 Page - EPCOS

Part # B82114RA4
Description  VHF Chokes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82114RA4 Datasheet(HTML) 3 Page - EPCOS

  B82114RA4 Datasheet HTML 1Page - EPCOS B82114RA4 Datasheet HTML 2Page - EPCOS B82114RA4 Datasheet HTML 3Page - EPCOS B82114RA4 Datasheet HTML 4Page - EPCOS B82114RA4 Datasheet HTML 5Page - EPCOS B82114RA4 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
06/12
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Characteristics and ordering codes
Test voltage Vtest
2500 V AC, 1 min (only for chokes with insulation)
Rated current IR
Max. 1 A at ambient temperature +40 C
Resonance frequency fres
Measured with Agilent 4294A, +20 °C
Solderability (lead-free)
Sn95.5Ag3.8Cu0.7: +(245 5) °C, (3 0.3) s
Wetting of soldering area
90%
(to IEC 60068-2-20, test Ta)
Resistance to soldering heat
(wave soldering)
+(260 5) °C, 10 s
(to IEC 60068-2-20, test Tb)
Climatic category
25/085/04 (to IEC 60068-1)
Storage conditions
Mounted:
–25 °C … +85 °C
Packaged: –25 °C … +40 °C,
75% RH
Weight
Approx. 1.65 g
VR
V AC/DC
Version
fres
MHz
|Z|
at fres
Color
code
Number
of turns
Approx.
weight
g
Ordering code
—
without
insulating sleeve
60
900
black
2.5
1.3
B82114R0000A004
100
800
trans-
parent
2.5
1.3
B82114R0000A001
500
with
insulating sleeve
60
900
black
2.5
1.3
B82114R0000C004
100
800
trans-
parent
2.5
1.3
B82114R0000C001
B82114
VHF chokes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com