Electronic Components Datasheet Search
  English  ▼

X  

B82422T Datasheet(PDF) 2 Page - EPCOS

Part # B82422T
Description  SIMID series, SIMID 1210-T
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82422T Datasheet(HTML) 2 Page - EPCOS

  B82422T Datasheet HTML 1Page - EPCOS B82422T Datasheet HTML 2Page - EPCOS B82422T Datasheet HTML 3Page - EPCOS B82422T Datasheet HTML 4Page - EPCOS B82422T Datasheet HTML 5Page - EPCOS B82422T Datasheet HTML 6Page - EPCOS B82422T Datasheet HTML 7Page - EPCOS B82422T Datasheet HTML 8Page - EPCOS B82422T Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
09/19
Please read Cautions and warnings and
Important notes at the end of this document.
Size 1210 (EIA) or 3225 (IEC)
Rated inductance 0.010 ... 100 μH
Rated current 60 ... 450 mA
Construction
■ Ceramic or ferrite core
■ Laser-welded winding
■ Flame-retardant molding
Features
■ High Q factor
■ High resonance frequency
■ High L value
■ Qualified to AEC-Q200
■ Suitable for lead-free reflow soldering
as referenced in JEDEC J-STD 020D
■ RoHS-compatible
Applications
■ Filtering of supply voltages, coupling, decoupling
■ Antenna systems
■ Automotive electronics
■ Telecommunications
■ Consumer and data processing equipment
■ Industrial electronics
Terminals
■ Base material CuSn6
■ Layer composition Cu, Ag, Sn (lead-free)1)
■ Electro-plated
Marking
■ Marking on component:
Manufacturer and letter “T”, L value (in H),
tolerance of L value (coded), date of manufacture (YWWD)
■ Minimum data on reel:
Manufacturer, ordering code, L value, quantity, date of packing
Delivery mode and packing units
■ 8-mm blister tape, wound on 180-mm or 330-mm
reel
■ Packing units:
180-mm reel: 2000 pcs./reel
330-mm reel: 8000 pcs./reel
1) Ni-barrier-plated terminals (NiSn) on request (B82422T*50).
B82422T
SMT inductors, SIMID series
SIMID 1210-T



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com