Electronic Components Datasheet Search
  English  ▼

X  

A5682A033 Datasheet(PDF) 2 Page - EPCOS

Part # A5682A033
Description  ERU 33, PTH flat wire high current
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

A5682A033 Datasheet(HTML) 2 Page - EPCOS

  A5682A033 Datasheet HTML 1Page - EPCOS A5682A033 Datasheet HTML 2Page - EPCOS A5682A033 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© TDK Electronics AG · Edition 2023 · Ordering No. B82559X033 · SO 0423
ERU Chokes – ERU 33, PTH flat wire high current inductors – B82559A*A033
LR
µH
3.2
3.5
4.7
6.0
6.8
10.0
Isat 25 °C
A
95.0
87.0
81.0
62.0
56.0
36.0
Isat 100 °C
A
83.0
77.0
71.0
55.0
47.0
32.0
IR
A
58.0
57.5
45.5
50.0
47.5
46.0
RDC,typ
mΩ
0.85
0.85
1.20
1.20
1.20
1.20
Pin thickness
mm
1.50 ± 0.20 mm 1.50 ± 0.20 mm 1.25 ± 0.20 mm 1.25 ± 0.20 mm 1.25 ± 0.20 mm 1.25 ± 0.20 mm
Ordering code B82559*
A4322A033
A4352A033
A5472A033
A5602A033
A5682A033
A5103A033
Construction:
• Size: 33 mm x 33 mm
• Height max: 15.4 mm
• Operating temperature: -40 … +150 °C
• Packaging: Tray
Features:
• High rated current
• Low DC resistance
• RoHS-compatible
• Easily customized
• AEC-Q200 qualified
Applications:
Energy storage chokes for
• DC/DC converters
• Buck/Boost choke for 48 V board net converters



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com