Electronic Components Datasheet Search
  English  ▼

X  

ADUM5000 Datasheet(PDF) 2 Page - Analog Devices

Part # ADUM5000
Description  Fully Isolated Conductivity Measurement Data Acquisition System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5000 Datasheet(HTML) 2 Page - Analog Devices

  ADUM5000 Datasheet HTML 1Page - Analog Devices ADUM5000 Datasheet HTML 2Page - Analog Devices ADUM5000 Datasheet HTML 3Page - Analog Devices ADUM5000 Datasheet HTML 4Page - Analog Devices ADUM5000 Datasheet HTML 5Page - Analog Devices ADUM5000 Datasheet HTML 6Page - Analog Devices ADUM5000 Datasheet HTML 7Page - Analog Devices ADUM5000 Datasheet HTML 8Page - Analog Devices ADUM5000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CN-0349
Circuit Note
CIRCUIT DESCRIPTION
The circuit shown in Figure 1 incorporates the AD5934 12-bit
impedance converter, the ADG715 octal single-pole, single-throw
(SPST) switch, the AD8606 rail-to-rail op amp, the ADuM1250
dual I2C isolator, and the ADuM5000 isolated dc-to-dc converter to
create a complete data acquisition system for conductivity
measurements. The circuit has an 8-pin IMOD connector on
board that can be used for connection to a customer
microprocessor or a field programmable gate array (FPGA).
The AD5934 is a high precision impedance converter system
solution that combines an on-chip, programmable direct digital
synthesizer (DDS) with a 12-bit, 250 kSPS analog-to-digital
converter (ADC). The tunable frequency generator allows an
external complex impedance to be excited with a known frequency.
The AD5933 is a similar device with a 1 MSPS ADC. The on-
board ADC monitors the voltage and current of the unknown
impedance. An on-board digital signal processor (DSP) engine
calculates the discrete Fourier transform (DFT). The DFT
algorithm returns a real (R) and an imaginary (I) data-word at
each output frequency.
The AD8606 op amp was chosen because of its low offset
voltage (65 µV maximum), low bias current (1 pA maximum),
and low noise (12 nV/√Hz maximum).
The ADG715 is a complementary metal oxide semiconductor
(CMOS), octal SPST switch that is controlled via a 2-wire serial
interface that is compatible with the I2C interface standard. Low
power consumption, a low operating supply range of 2.7 V to
5.5 V, low on-resistance (typically 2.5 Ω), and a small 24-lead
TSSOP package make this device ideal for many applications.
The ADuM5000 is an isolated dc-to-dc converter with a 3.3 V
or 5 V output, based on the Analog Devices isoPower® technology,
and packaged in a 16-lead SOIC.
The ADuM1250 is a hot swappable, digital isolator with non-
latching, bidirectional communication channels that are compatible
with I2C interfaces, based on the iCoupler chip scale transformer
technology from Analog Devices, Inc., and packaged in an
8-lead SOIC.
Conductivity Theory
The resistivity, ρ, of a material or liquid is defined as the
resistance of a cube of the material with perfectly conductive
contacts on opposite faces. The resistance for other shapes can
be calculated by
R = ρL/A
where:
L is the distance between the contacts.
A is the area of the contacts.
Resistivity is measured in units of Ω cm. A 1 Ω cm material has
a resistance of 1 Ω when contacted on opposite faces of a 1 cm ×
1 cm × 1 cm cube.
Conductance is the reciprocal of resistance, and conductivity is
the reciprocal of resistivity.
All aqueous solutions conduct electricity to some degree. The
measure of the ability of a solution to conduct electricity is
called conductance, and it is the reciprocal of resistance. The
unit of measurement of conductance is Siemens (S). Adding
electrolytes such as salts, acids, or bases to pure water increases
the conductance (and decreases resistance). Resistivity is
expressed in Ω cm, and conductivity is expressed in S/cm,
mS/cm, or µS/cm.
For the purposes of this circuit note, Y is used as the general
symbol for conductivity measured in S/cm, mS/cm, or µS/cm.
However, in many cases, the distance term is dropped for
convenience, and the conductivity is simply expressed as S,
mS, or µS.
A conductivity system measures conductance by means of
electronics connected to a sensor immersed in a solution. The
analyzer circuitry impresses an alternating voltage on the sensor
and measures the size of the resulting current, which is related
to the conductivity. Because conductivity has a large temperature
coefficient (up to 4%/°C), an integral temperature sensor is
incorporated into the circuitry to adjust the reading to a
standard temperature, usually 25°C (77°F). When measuring
solutions, the temperature coefficient of the conductivity of the
water itself must be considered. To compensate accurately for
the temperature, a second temperature sensor and
compensation network must be used.
Conductivity Sensors
The contacting type sensor usually consists of two electrodes
that are insulated from one another. The electrodes, typically
Type 316 stainless steel, titanium palladium alloy, or graphite,
are specifically sized and spaced to provide a known cell
constant. Theoretically, a cell constant of 1.0/cm describes two
electrodes, each sized one square centimeter in area, and spaced
one centimeter apart. Cell constants must be matched to the
analyzer for a given range of operation. For instance, if a sensor
with a cell constant of 1.0/cm is used in pure water with a
conductivity of 1 µS/cm, the cell has a resistance of 1 MΩ.
Conversely, the same cell in seawater has a resistance of 30 Ω.
Because the resistance ratio is so large, it is difficult for ordinary
instruments to accurately measure such extremes with only one
cell constant.
When measuring the 1 µS/cm solution, the cell is configured
with large electrodes spaced a small distance apart. For
example, a cell with a cell constant of 0.01/cm results in a cell
resistance of approximately 10,000 Ω, which can be measured
quite accurately. Therefore, the measuring instrument can
operate over the same range of cell resistance for both ultra-
pure water and high conductivity seawater, by using cells with
different cell constants.
Rev. 0 | Page 2 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com