Electronic Components Datasheet Search
  English  ▼

X  

ADM7170 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM7170
Description  USB-Powered, 915 MHz RF Low Noise Amplifier Receiver with Overpower Protection Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7170 Datasheet(HTML) 1 Page - Analog Devices

  ADM7170 Datasheet HTML 1Page - Analog Devices ADM7170 Datasheet HTML 2Page - Analog Devices ADM7170 Datasheet HTML 3Page - Analog Devices ADM7170 Datasheet HTML 4Page - Analog Devices ADM7170 Datasheet HTML 5Page - Analog Devices ADM7170 Datasheet HTML 6Page - Analog Devices ADM7170 Datasheet HTML 7Page - Analog Devices ADM7170 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Circuit Note
CN-0518
analog.com
Circuits from the Lab™ circuits from Analog Devices have been designed and built by Analog Devices
engineers. Standard engineering practices have been employed in the design and construction of each circuit,
and their function and performance have been tested and verified in a lab environment at room temperature.
However, you are solely responsible for testing the circuit and determining its suitability and applicability for
your use and application. Accordingly, in no event shall Analog Devices be liable for direct, indirect, special,
incidental, consequential or punitive damages due to any cause whatsoever connected to the use of any
Circuits from the Lab circuits. (Continued on last page)
Rev. 0 | 1 of 8
Circuits from the Lab
® reference designs are engi-
neered and tested for quick and easy system integra-
tion to help solve today’s analog, mixed-signal, and
RF design challenges. For more information and/or
support, visit www.analog.com/CN0518.
Devices Connected/Referenced
HMC376
700 MHz to 1 GHz Low Noise Amplifier
ADG901
0 Hz to 4.5 GHz, 40 dB Off Isolation at 1 GHz, 17 dBm P1dB at 1
GHz SPST Switches
ADL5904
DC to 6 GHz, 45 dB TruPower Detector with Envelope Threshold
Detection
LT8330
Low IQ Boost/SEPIC/Inverting Converter with 1 A, 60 V Switch
ADP150
Ultralow Noise, 150 mA CMOS Linear Regulator
ADM7150
800 mA, Ultra Low Noise/High PSRR LDO
ADM7170
6.5 V, 500 mA, Ultralow Noise, High PSRR, Fast Transient Response
CMOS LDO
LTC6991
TimerBlox: Resettable, Low Frequency Oscillator
USB-Powered, 915 MHz RF Low Noise Amplifier Receiver with Overpower Protection Circuit
EVALUATION AND DESIGN SUPPORT
►
Circuit Evaluation Boards
►
CN0518 Circuit Evaluation Board (EVAL-CN0518-EBZ)
►
Design and Integration Files
►
Schematics, Layout Files, Bill of Materials
CIRCUIT FUNCTIONS AND BENEFITS
The International Telecommunication Union allocates the unli-
censed 915 MHz, industrial, scientific and medical (ISM) radio
frequency band for use in Region 2, geographically consisting
of the Americas, Greenland, and some Eastern Pacific Islands.
Advancements in wireless technologies and standards within the
region have made the band popular for short range, wireless
communication systems.
The 915 MHz ISM band places no restrictions on the application
or duty cycle and common uses include amateur radio, supervisory
control and data acquisition (SCADA), and radio frequency identifi-
cation (RFID) systems.
The circuit shown in Figure 1 is a two-stage RF low noise amplifier
(LNA) optimized for receiver signal chains in the 915 MHz ISM
band. At the center frequency, the circuit results in a forward gain
(S21) of 25 dB and an input return loss (S11) of more than 10
dB. The RF input and output ports are designed with a 50 Ω
impedance match, enabling a direct connection between the circuit
and a standard 50 Ω system.
The board includes a high speed overpower cutoff that protects
sensitive downstream equipment connected to the receiver system.
The receiver system also automatically returns to normal operation
when the RF power level drops within the acceptable range. The
RF inputs and outputs are standard subminiature version A (SMA)
connectors, and the entire design is powered by a single micro-
USB connector.
Figure 1. CN0518 Simplified Block Diagram


Similar Part No. - ADM7170

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM7170 AD-ADM7170 Datasheet
1Mb / 24P
Adjustable and fixed output voltage options
Rev. C
ADM7170ACPZ-1.3-R7 AD-ADM7170ACPZ-1.3-R7 Datasheet
1Mb / 24P
Adjustable and fixed output voltage options
Rev. C
ADM7170ACPZ-1.8-R7 AD-ADM7170ACPZ-1.8-R7 Datasheet
1Mb / 24P
Adjustable and fixed output voltage options
Rev. C
ADM7170ACPZ-2.5-R7 AD-ADM7170ACPZ-2.5-R7 Datasheet
1Mb / 24P
Adjustable and fixed output voltage options
Rev. C
ADM7170ACPZ-3.0-R7 AD-ADM7170ACPZ-3.0-R7 Datasheet
1Mb / 24P
Adjustable and fixed output voltage options
Rev. C
More results

Similar Description - ADM7170

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW912 MOTOROLA-MHW912 Datasheet
128Kb / 6P
12.5 W 884 to 915 MHz RF POWER AMPLIFIER
MHW913 MOTOROLA-MHW913 Datasheet
70Kb / 4P
14 WATT 880-915 MHz RF POWER AMPLIFIER
MHW932 MOTOROLA-MHW932 Datasheet
117Kb / 6P
32 W 890 to 915 MHz RF POWER AMPLIFIER
logo
TEMIC Semiconductors
U4050B TEMIC-U4050B Datasheet
341Kb / 18P
Speech Circuit with Line-Powered Loudspeaker Amplifier
logo
RF Monolithics, Inc
SF2150E RFM-SF2150E Datasheet
369Kb / 6P
RF Filter, 915 MHz, 10 MHz BW
logo
STMicroelectronics
SP1ML STMICROELECTRONICS-SP1ML Datasheet
777Kb / 27P
SPIRIT1 868 and 915 MHz low power RF modules with integrated microcontroller
26-Jun-2015
logo
Texas Instruments
BQ24750 TI1-BQ24750_14 Datasheet
1Mb / 39P
AC Overpower Protection
logo
Johanson Technology Inc...
0915LP15A026 JOHANSON-0915LP15A026 Datasheet
93Kb / 2P
915 MHz Low Pass Filter
logo
Semtech Corporation
DP1203F SEMTECH-DP1203F Datasheet
395Kb / 13P
433/868/915 MHz RF Modules
logo
Skyworks Solutions Inc.
SKY65094-360LF SKYWORKS-SKY65094-360LF Datasheet
999Kb / 16P
698 to 915 MHz Low-Noise Power Amplifier Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com