Electronic Components Datasheet Search
  English  ▼

X  

ADT75 Datasheet(PDF) 5 Page - Analog Devices

Part # ADT75
Description  10BASE-T1L Field Device Development Platform with Class 12 and 13 SPoE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT75 Datasheet(HTML) 5 Page - Analog Devices

  ADT75 Datasheet HTML 1Page - Analog Devices ADT75 Datasheet HTML 2Page - Analog Devices ADT75 Datasheet HTML 3Page - Analog Devices ADT75 Datasheet HTML 4Page - Analog Devices ADT75 Datasheet HTML 5Page - Analog Devices ADT75 Datasheet HTML 6Page - Analog Devices ADT75 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Circuit Note
CN-0575
analog.com
Rev. 0 | 5 of 7
ISOLATED FLYBACK CONVERTER CIRCUIT
DESIGN
An LT8304 flyback converter is used to supply the 5 V power
required by the host Raspberry Pi. This device can accept an input
voltage between 3 V and 100 V and deliver up to 24 W of isolated
output power, allowing it to easily operate in SPoE PD Classes 12
and 13. Figure 6 shows the isolated flyback circuit configuration for
the CN0575.
Figure 6. LT8304 Flyback Converter Circuit
In CN0575, the LT8304 uses a flyback transformer with a turns
ratio of 6:1 and a primary inductance of 40 μH to produce the
isolated power. As recommended in the LT8304 data sheet, an RC
and Schottky/Zener snubber is additionally connected across the
primary windings of the transformer to protect the device from high
voltage spikes generated by leakage inductance. A diode is used
to provide rectification on the secondary side, and is rated for a
forward current of 10 A and a reverse voltage of 45 V. Three 100 μF
capacitors are used to reduce the ripple of the output voltage. This
combination of components allows the design to meet the power
requirements for Class 12 and Class 13 devices, as well as support
the operating requirements of the LT8304. For the general design
procedure in selecting these components, refer to the LT8304 data
sheet.
The output voltage of the LT8304 is set by an external feedback
resistor connected between the SW and RFB pins; the value of
which is calculated using Equation 2:
RFB=RREF×NPS×VOUT+VF
VREF
(2)
where:
RFB is the feedback resistance in kΩ.
RREF is the reference resistance in kΩ.
VREF is the internal reference voltage in V.
NPS is the transformer effective primary-to-secondary turns ratio.
VOUT is the output voltage.
VF is the output diode forward voltage.
For the required output voltage of 5 V, a 6:1 transformer turns ratio,
1 V VREF, 10 k RREF, and an output diode forward voltage of 0.3 V,
the equation results in an RFB value of 318 kΩ; the closest standard
1% value of 316 kΩ is used.
As shown in Figure 7, these specifications allow the LT8304 to
supply more than 2 A of load current — more than adequate
for Classes 12 and 13, which only require 1.68 A and 1.54 A,
respectively for 5 V.
Figure 7. LT8304 Load Regulation for Class 12 and Class 13 Operation
MINIMAL FIELD DEVICE
The CN0575 can be used as a basic temperature sensing field
device using an on-board ADT75 digital temperature sensor. This
device is ideal for a minimal complete temperature monitoring
application. The only external components required for its operation
are a decoupling capacitor for the supply pin, and pull-up resistors
for the I2C lines.
In addition to the ADT75, the CN0575 also includes a push button
and an LED as basic GPIO devices that can be used to provide
remote user input/output. Additional Raspberry Pi peripheral hard-
ware devices can be used to prototype other field device applica-
tions once basic connectivity has been established.
COMMON VARIATIONS
While the CN0575 is intended to operate in either SPoE PD classes
other than 12 or 13, the LTC9111 PD controller supports all PD
classes from 10 and 15. The isolated power supply can then be
optimized for the power level required by the end application.
For applications not requiring galvanic isolation, or where the isolat-
ed circuitry is low power, the ADIN1110 PHY can be capacitively
coupled to the MDI. In this topology, the isolation barrier can be
placed between the microprocessor and sensor, ADC, or DAC
using a digital isolator such as the ADuM5411.
For applications such as field switches and building/room control-
lers where the processor has an integrated MAC, the ADIN1100
can be used instead. This is a 10BASE-T1L PHY device with
MII, RMII, and RGMII MAC drivers for development with existing
interfaces.
CIRCUIT EVALUATION AND TEST
This section covers the setup and procedure for evaluating the
CN0575 circuit evaluation board using a Raspberry Pi. For com-
plete details, refer to the EVAL-CN0575-RPIZ User Guide.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com