Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 1 Page - Analog Devices

Part # AD3552R
Description  Precision Low Latency Development Kit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 1 Page - Analog Devices

  AD3552R Datasheet HTML 1Page - Analog Devices AD3552R Datasheet HTML 2Page - Analog Devices AD3552R Datasheet HTML 3Page - Analog Devices AD3552R Datasheet HTML 4Page - Analog Devices AD3552R Datasheet HTML 5Page - Analog Devices AD3552R Datasheet HTML 6Page - Analog Devices AD3552R Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Circuit Note
CN-0584
analog.com
Circuits from the Lab™ circuits from Analog Devices have been designed and built by Analog Devices
engineers. Standard engineering practices have been employed in the design and construction of each circuit,
and their function and performance have been tested and verified in a lab environment at room temperature.
However, you are solely responsible for testing the circuit and determining its suitability and applicability for
your use and application. Accordingly, in no event shall Analog Devices be liable for direct, indirect, special,
incidental, consequential or punitive damages due to any cause whatsoever connected to the use of any
Circuits from the Lab circuits. (Continued on last page)
Rev. 0 | 1 of 7
Circuits from the Lab
® reference designs are engi-
neered and tested for quick and easy system inte-
gration to help solve today’s analog, mixed-signal,
and RF design challenges. For more information
and/or support, visit www.analog.com/CN0584.
Devices Connected/Referenced
ADAQ23876
16-Bit, 15 MSPS, μModule Data Acquisition Solution
AD3552R
Dual Channel, 16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
ADG5421F
±60 V Fault Protection and Detection,11 Ω RON, Dual SPST Switch
ADA4898-1
High Voltage, Low Noise, Low Distortion, Unity-Gain Stable, High
Speed Op Amp
Precision Low Latency Development Kit
EVALUATION AND DESIGN SUPPORT
►
Circuit Evaluation Boards
►
CN0584 Circuit Evaluation Board (EVAL-CN0584-EBZ)
►
CN0585 Circuit Evaluation Board (EVAL-CN0585-FMCZ)
►
Design and Integration Files
►
Schematics, Layout Files, Bill of Materials, Software
CIRCUIT FUNCTIONS AND BENEFITS
As modern electronic, electromechanical, and electro-optical sys-
tems continue to shrink in size, require faster response times, and
have more stringent accuracy requirements, performance of the
data acquisition and hardware-in-the-loop (HIL) systems required to
simulate, develop, and test these systems must keep pace. This
is particularly true for applications requiring high power elements,
such as the testing of motor controllers, linear actuators, generator
controllers, electric vehicle chargers, or power grid elements for
the automotive and energy industries. The increasing complexity of
these modeled components leads to increased computation times,
demanding faster solutions for signal acquisition and generation.
The circuit shown in Figure 1 is a complete precision low latency
development kit, with 200 ns latency, and high-accuracy input
bandwidth. This solution enables real-time HIL simulations and de-
velopment of complex systems, significantly easing the design and
testing of digital or mixed signal control loops. It is consists of four
16-bit analog-to-digital converter (ADC) channels and four 16-bit
digital-to-analog converter (DAC) channels that allow synchronous
acquisition of analog inputs and generation of output waveforms at
15 MSPS.
The development kit provides up to 5 MHz analog input bandwidth
with extended analog and digital connectivity to simplify analog
front end (AFE) design. Both the analog input range and output are
hardware-selectable with five bipolar input ranges from ±1.5 V to
±10 V, and five output ranges from 5 V unipolar to ±10 V bipolar.
The software interface is available through the Linux industrial
input/output (IIO) framework, providing a host of debug and devel-
opment utilities and cross platform application support through
Python, MATLAB®, C, C#, and other languages. The project inte-
grates with Simulink®, where real-time models can be generated
and loaded into the field programmable gate array (FPGA) board
for testing with external hardware.
Figure 1. Simplified Block Diagram


Similar Part No. - AD3552R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD3552R AD-AD3552R Datasheet
3Mb / 68P
16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
Rev. A
AD3552R AD-AD3552R Datasheet
3Mb / 59P
Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
Rev. A
AD3552R AD-AD3552R Datasheet
3Mb / 70P
Dual Channel, 16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
Rev. B
AD3552R AD-AD3552R Datasheet
4Mb / 66P
Dual Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
Rev. C
AD3552RBCPZ16 AD-AD3552RBCPZ16 Datasheet
3Mb / 68P
16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
Rev. A
More results

Similar Description - AD3552R

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43DK301 ATMEL-AT43DK301 Datasheet
469Kb / 4P
Low-Cost USB Hub Development Kit
logo
Silicon Laboratories
CP2501-DK SILABS-CP2501-DK Datasheet
252Kb / 14P
CP250X DEVELOPMENT KIT
logo
Microchip Technology
DS41356B MICROCHIP-DS41356B Datasheet
826Kb / 54P
Low Pin Count USB Development Kit
2009
logo
Texas Instruments
SWRU301A TI1-SWRU301A Datasheet
2Mb / 39P
Bluetooth짰 Low Energy CC2540 Development Kit
logo
Zilog, Inc.
Z8F081A ZILOG-Z8F081A Datasheet
155Kb / 2P
Development Kit
logo
Murata Manufacturing Co...
DR8000-DK MURATA-DR8000-DK Datasheet
43Kb / 1P
916.5MHz Development kit
logo
STMicroelectronics
UM1657 STMICROELECTRONICS-UM1657 Datasheet
1Mb / 48P
SPIRIT1 development kit
28-Nov-2013
logo
Texas Instruments
LAUNCHXL-CC2650 TI1-LAUNCHXL-CC2650 Datasheet
1Mb / 7P
LaunchPad Development Kit
logo
STMicroelectronics
STEVAL-STLKT01V1 STMICROELECTRONICS-STEVAL-STLKT01V1 Datasheet
350Kb / 7P
SensorTile development kit
Rev 8 - March 2019
logo
Advantech Co., Ltd.
SOM-DK3520 ADVANTECH-SOM-DK3520 Datasheet
358Kb / 2P
Qseven Development Kit
6-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com