Electronic Components Datasheet Search
  English  ▼

X  

ADP7142 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP7142
Description  USB 3.0 Quad-Channel IEPE Vibration Sensor Measurement System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7142 Datasheet(HTML) 1 Page - Analog Devices

  ADP7142 Datasheet HTML 1Page - Analog Devices ADP7142 Datasheet HTML 2Page - Analog Devices ADP7142 Datasheet HTML 3Page - Analog Devices ADP7142 Datasheet HTML 4Page - Analog Devices ADP7142 Datasheet HTML 5Page - Analog Devices ADP7142 Datasheet HTML 6Page - Analog Devices ADP7142 Datasheet HTML 7Page - Analog Devices ADP7142 Datasheet HTML 8Page - Analog Devices ADP7142 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Circuit Note
CN-0582
analog.com
Circuits from the Lab™ circuits from Analog Devices have been designed and built by Analog Devices
engineers. Standard engineering practices have been employed in the design and construction of each circuit,
and their function and performance have been tested and verified in a lab environment at room temperature.
However, you are solely responsible for testing the circuit and determining its suitability and applicability for
your use and application. Accordingly, in no event shall Analog Devices be liable for direct, indirect, special,
incidental, consequential or punitive damages due to any cause whatsoever connected to the use of any
Circuits from the Lab circuits. (Continued on last page)
Rev. A | 1 of 10
Circuits from the Lab
® refer-
ence designs are engineered
and tested for quick and easy
system integration to help
solve today’s analog, mixed-
signal, and RF design chal-
lenges. For more information
and/or support, visit
www.analog.com/CN0582.
Devices Connected/Referenced
Devices Connected/Referenced
ADA4099
50 V, 8 MHz, 1.5 mA per Channel,
Robust, Over-the-Top, Precision
OpAmps
AD9833
Low Power, 12.65 mW, 2.3 V to
5.5 V, Programmable Waveform
Generator
LTC6910
Digitally Controlled Programmable
Gain Amplifier in SOT-23
AD5543
16-Bit DAC in μSOIC-8 Package
ADA4522
55 V, EMI Enhanced, Zero Drift,
Ultralow Noise, Rail-to-Rail Output
Operational Amplifiers
ADG5436
High Voltage Latch-Up Proof, Dual
SPDT Switch
ADA4807
3.1 nV/√Hz, 1 mA, 180 MHz, Rail-
to-Rail Input/Output Amplifier
ADP7118
20 V, 200 mA, Low Noise, CMOS
LDO Linear Regulator
ADA4945
High Speed, ±0.1 μV/˚C Offset Drift,
Fully Differential ADC Driver
ADP7182
–28 V, −200 mA, Low Noise, Linear
Regulator
ADP7142
40 V, 200 mA, Low Noise, CMOS
LDO Linear Regulator
ADG5401
High Voltage Latch-Up Proof, Single
SPST Switch
LT8330
Low IQ Boost/SEPIC/Inverting
Converter with 1 A, 60 V Switch
LTC3112
15 V, 2.5 A Synchronous Buck-Boost
DC/DC Converter
ADP1708
1 A, Low Dropout, CMOS Linear
Regulator
LT3092
200 mA 2-Terminal Programmable
Current Source
ADP5071
2 A/1.2 A DC-to-DC Switching
Regulator with Independent Positive
and Negative Outputs
ADG839
0.35 Ω CMOS 1.65 V to 3.6 V Single
SPDT Switch/ 2:1 MUX
AD5686R
Quad, 16-Bit nanoDAC+ with SPI
Interface
ADG1219
Low Capacitance, Low Charge
Injection, ±15 V/ 12 V iCMOS SPDT
in SOT-23
ADR4540
Ultralow Noise, High Accuracy
4.096 V Voltage Reference
MAX14595 High Speed, Open-Drain Capable
Logic-Level Translator
AD7768-4
Precision 24-Bit, 1024 kSPS,
Sigma-Delta (Σ-Δ) ADC with Power
Scaling
MAX7312
2-Wire-Interfaced 16-Bit I/O Port
Expander with Interrupt and Hot-
Insertion Protection
USB 3.0 Quad-Channel IEPE Vibration Sensor Measurement System
EVALUATION AND DESIGN SUPPORT
►
Circuit Evaluation Boards
►
EVAL-CN0582-USBZ
►
Design and Integration Files
►
Schematics, Layout Files, Bill of Materials, Software
CIRCUIT FUNCTIONS AND BENEFITS
Integrated electronics piezoelectric (IEPE) and IEPE-compatible
accelerometers and velocity sensors are used in a wide array of
condition-based monitoring (CbM), building monitoring, and struc-
tural analysis applications. Often multiple channels are used to
measure 3-dimensional acceleration at a single location, or multiple
1-dimensional measurements at several locations.
Benchtop data acquisition (DAQ) systems are applicable in re-
search and calibration environments, however these usually come
in sizes and at costs that are not conducive for direct integration
into end applications.
The circuit shown in Figure 1 is a self-contained, USB-based quad-
input channel IEPE data acquisition system. The four channels are
simultaneously sampled with 24-bit resolution and have a sample
rate of up to 256 kSPS. The signal chain is dc-coupled, providing
frequency response to 0 Hz, while a dc offsetting circuit maximizes
the dynamic range. Each input channel includes a constant current
source for powering standard IEPE sensors. All data signals and
power rails are derived from a single USB 3.0 connection.
The system also includes an on-board direct digital synthesis (DDS)
signal generator, which can be used for electrical calibration or as
an excitation source to a shaker table or vibration calibrator for
sensor and system-level calibration.
Data can be captured and analyzed with the companion software
application, and custom software can be developed using the
provided application programming interface (API).


Similar Part No. - ADP7142

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP7142 AD-ADP7142 Datasheet
1Mb / 23P
40 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. H
ADP7142 AD-ADP7142 Datasheet
1,021Kb / 21P
0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
ADP7142 AD-ADP7142 Datasheet
761Kb / 18P
0.5 Ω RON, ±20 V, 36 V, Quad SPST Switch
Rev. 0
ADP7142ACPZN-R7 AD-ADP7142ACPZN-R7 Datasheet
1Mb / 23P
40 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. H
ADP7142ACPZN1.8-R7 AD-ADP7142ACPZN1.8-R7 Datasheet
1Mb / 23P
40 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. H
More results

Similar Description - ADP7142

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VIM32PL-E1V16-0RE-I421V14 PF-VIM32PL-E1V16-0RE-I421V14 Datasheet
1Mb / 4P
Vibration sensor
2022-12-05
VIM62PL-E0G10-0ME-I420K24 PF-VIM62PL-E0G10-0ME-I420K24 Datasheet
882Kb / 3P
Vibration sensor
2022-12-01
VIM62PL-E0T16-0ME-I420V14 PF-VIM62PL-E0T16-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
VIM62PL-E1T16-0ME-I420V14 PF-VIM62PL-E1T16-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
VIM62PL-E1V16-0ME-I420V14 PF-VIM62PL-E1V16-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
VIM62PP-E1V16-0HE-I420V14 PF-VIM62PP-E1V16-0HE-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-11-16
VIM62PP-E1V16-0NE-I420KA4 PF-VIM62PP-E1V16-0NE-I420KA4 Datasheet
904Kb / 3P
Vibration sensor
2022-12-01
VIM82PL-S1V16-22E-I422V19 PF-VIM82PL-S1V16-22E-I422V19 Datasheet
1Mb / 4P
Vibration sensor
2022-11-21
VIM82PL-S1V16-2CE-I422C28 PF-VIM82PL-S1V16-2CE-I422C28 Datasheet
1,009Kb / 4P
Vibration sensor
2022-12-01
VIM82PU-S1V16-2AE-I422C28 PF-VIM82PU-S1V16-2AE-I422C28 Datasheet
973Kb / 4P
Vibration sensor
2022-12-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com