Electronic Components Datasheet Search
  English  ▼

X  

AD5686R Datasheet(PDF) 6 Page - Analog Devices

Part # AD5686R
Description  USB 3.0 Quad-Channel IEPE Vibration Sensor Measurement System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686R Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5686R Datasheet HTML 2Page - Analog Devices AD5686R Datasheet HTML 3Page - Analog Devices AD5686R Datasheet HTML 4Page - Analog Devices AD5686R Datasheet HTML 5Page - Analog Devices AD5686R Datasheet HTML 6Page - Analog Devices AD5686R Datasheet HTML 7Page - Analog Devices AD5686R Datasheet HTML 8Page - Analog Devices AD5686R Datasheet HTML 9Page - Analog Devices AD5686R Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Circuit Note
CN-0582
analog.com
Rev. A | 6 of 10
The PGA output with respect to VOCM is amplified and converted
to a fully differential signal by the ADA4945 with a gain shown in
Equation 6:
G=RfRi=2000750=2.667
(6)
In case of over or undervoltage due to the input and gain combina-
tions, the ADA4945 clamps the output to +VS or -VS to protect the
succeeding sensitive ADC input stage.
OVERALL SIGNAL CHAIN GAIN
The total gain on the analog input path comes from the level shifter,
FDA, and PGA, which can be computed using Equation 7:
G=G1×G2×GPGA
(7)
G=0.3×2.667×GPGA
G=0.8GPGA
where:
G is the overall system gain of the CN0582.
G1 is the gain of the level shift attenuation (0.3).
G2 is the gain of the FDA (2.667).
GPGA is the programmable gain of the PGA (1, 2, 5, 10, 20, 50,
100).
The maximum allowable ac or dc voltage on the analog input path
is directly related to the gain settings of each channel. Equation 8
shows how to calculate the dc input voltage, assuming a PGA gain
setting of 1.
VINDC_MAX =VSHIFT_MAX ×1 + G1−VOCM
G1
(8)
The maximum dc bias input voltage is:
VINDC_MAX =13.26V
where:
VINDC_MAX is the maximum dc voltage into the CN0582.
VSHIFT_MAX is the AD5686R maximum output voltage (5 V).
G1 is the gain of the level shift attenuation (0.3).
VOCM is the AD7768-4 common-mode voltage (2.52 V).
The ac input voltage can be computed using Equation 9, assuming
that the PGA gain setting is 1.
VINAC_MAX = VREF_ADCG2G1 ×2
(9)
The maximum peak-to-peak input voltage swing is:
VINAC_MAX =10.23Vp‐p
where:
VINAC_MAX is the maximum ac input voltage into the CN0582.
VREF_ADC is the AD7768-4 internal voltage reference (4.096 V).
G2 is the gain of FDA (2.667)
G1 is the gain of the level shift attenuation (0.3)
The theoretical maximum ac input swing is 10.23 Vp-p, but the
CN0582 is only tested up to 10 Vp-p to meet the headroom
requirements of the amplifiers. The same logic applies to maximum
dc bias, which was only tested to 13 VDC. Centering the ADC
output around zero by adjusting VSHIFT implies the IEPE_SHIFTED
signal is equal to VOCM.
DATA CAPTURE AND DIGITAL CONTROLLER
Analog-to-digital conversion is performed by an AD7768-4, a 4-
channel 24-bit simultaneous sampling Σ-Δ ADC. It contains several
power scaling, filter, and sample rate options to optimize for differ-
ent constraints like noise, bandwidth, and power consumption.
The AD7768-4 acts as a source-synchronous transmitter, with each
channel’s data serialized on one of four data lines. The data is
received by the digital controller and streamed to the host computer
over USB.
The digital controller is also responsible for configuring the analog
input channels, enabling the current sources, setting the ADC
modes, and setting up the waveform generator.
POWER SUPPLY ARCHITECTURE
The CN0582 is powered from a single USB 3.0 port providing 5 V
at 900 mA, and several dc-to-dc converters produce the required
voltage rails. The system power tree consists of boost converters
followed by linear dropout regulators for the analog circuits to obtain
the lowest possible noise, and buck converters for digital circuits
for maximum efficiency. Figure 8 presents the complete power
architecture of CN0582.
Figure 8. CN0582 System Power Tree



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com