Electronic Components Datasheet Search
  English  ▼

X  

ADR3412 Datasheet(PDF) 2 Page - Analog Devices

Part # ADR3412
Description  Arduino Compatible Electrochemical Gas Detection Circuit(CN0357)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3412 Datasheet(HTML) 2 Page - Analog Devices

  ADR3412 Datasheet HTML 1Page - Analog Devices ADR3412 Datasheet HTML 2Page - Analog Devices ADR3412 Datasheet HTML 3Page - Analog Devices ADR3412 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Overview
CN0357 single-supply, low noise, portable gas detector circuit using an electrochemical sensor. The Alphasense CO-AX carbon monoxide
sensor is used in this example. Electrochemical sensors offer several advantages for instruments that detect or measure the concentration
of many toxic gases. Most sensors are gas specific and have usable resolutions under one part per million (ppm) of gas concentration.
Features and Benefits Product Details
Form Factor Compatible with Arduino
Programmable for multiple other gases
Resolution down to 1ppm
Low power, single supply operation
Markets and Technologies
Applicable Parts
Package Contents
EVAL-CN0357-ARDZ Board
CO Electrochemical Sensor
Instrumentation & Measurement (1)
AD7790
ADA4528-2
AD8500
AD5270
ADR3412
Documentation
View All (7)
Design & Integration Files (1)
User Guides (1)
Solutions Bulletins & Brochures (1)
Circuit Note (1)
Videos (3)
Design & Integration Files
ZIP
4.44 M
EVAL-CN0357-ARDZ Design & Integration Files



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com