Electronic Components Datasheet Search
  English  ▼

X  

PCMDD Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # PCMDD
Description  Horizontal Hinged Cable Manager PCMDD Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PCMDD Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  PCMDD Datasheet HTML 1Page - Hammond Manufacturing Ltd. PCMDD Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mounting Hardware
Part No.
Overall Dimensions
Rack
Usable Dimensions
Height
Width
Depth
Units
Height
Width
Depth
PCMDD19001BK1
1.72
19.00
2.71
1U
1.25
17.62
2.50
PCMDD19003BK1
3.47
19.00
2.71
2U
3.00
17.62
2.50
PCMDD19005BK1
5.22
19.00
2.71
3U
4.75
17.62
2.50
Data subject to change without notice.
Horizontal Hinged Cable Manager PCMDD Series
Features
Constructed in 16-gauge steel.
Continuous hinged door with magnetic closure strip.
Four oblong openings (3.5" x 1.56") top & bottom - allowing for cable exit
top and/or bottom.
Openings in the rear for cable entry.
Designed to fit standard 19” rails.
Finished in textured black powder paint.
Requires mounting hardware.
RoHS and REACH compliant.
Manufactured in North America.
Accessories
Estimated Cable Fill Capacities
Rack
Description
Opening
Recommended Cable Fill (50% Fill Ratio)
Maximum Cable Fill (100% Fill Ratio)
Units
Quantity
Cat 5e
Cat 6
Cat 6a
Cat 5e
Cat 6
Cat 6a
1U
Channel Opening
1
34
22
15
68
44
30
Top/Bottom Opening
2 x 4 = 8
43
28
19
86
55
38
Rear Pass Through
0
n/a
n/a
n/a
n/a
n/a
n/a
2U
Channel Opening
1
68
44
30
137
88
61
Top/Bottom Opening
2 x 4 = 8
43
28
19
86
55
38
Rear Pass Through
4
32
20
14
64
41
28
3U
Channel Opening
1
103
66
46
207
132
92
Top/Bottom Opening
2 x 4 = 8
43
28
19
86
55
38
Rear Pass Through
4
32
20
14
64
41
28
© 2016. Hammond Manufacturing Ltd. All rights reserved.
Quality Products. Service Excellence.


Similar Part No. - PCMDD

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PCMDD HAMMOND-PCMDD Datasheet
59Kb / 1P
Gestionnaire de cables horizontal articule
PCMDD19001 HAMMOND-PCMDD19001 Datasheet
158Kb / 1P
Mounting hardware not included
PCMDD19001BK1 HAMMOND-PCMDD19001BK1 Datasheet
59Kb / 1P
Gestionnaire de cables horizontal articule
PCMDD19001BK1 HAMMOND-PCMDD19001BK1 Datasheet
158Kb / 1P
Mounting hardware not included
PCMDD19003 HAMMOND-PCMDD19003 Datasheet
162Kb / 1P
Mounting hardware not included
More results

Similar Description - PCMDD

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1481WDH1418 HAMMOND-1481WDH1418 Datasheet
106Kb / 2P
Deep Hinged Window kits 1481WDH Series
RDCM HAMMOND-RDCM Datasheet
86Kb / 1P
Rail Depth Cable Manager
logo
Tripp Lite. All Rights ...
SRCABLEDUCT1U TRIPPLITE-SRCABLEDUCT1U Datasheet
471Kb / 2P
SmartRack 1U Horizontal Cable Manager - Finger duct with cover
SRCABLEDUCT1UHD TRIPPLITE-SRCABLEDUCT1UHD Datasheet
480Kb / 2P
SmartRack 1U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLEDUCT2UHD TRIPPLITE-SRCABLEDUCT2UHD Datasheet
491Kb / 2P
SmartRack 2U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLERING1U TRIPPLITE-SRCABLERING1U Datasheet
468Kb / 2P
SmartRack 1U Horizontal Cable Manager - Flexible ring type
SRCABLERING2U TRIPPLITE-SRCABLERING2U Datasheet
477Kb / 2P
SmartRack 2U Horizontal Cable Manager - Flexible ring type
logo
PANDUIT CORP.
WMP1E PANDUIT-WMP1E Datasheet
838Kb / 2P
PatchLink ??Horizontal Cable Managers
5/2016
WMPF1E PANDUIT-WMPF1E Datasheet
308Kb / 1P
WMPF1E HORIZONTAL MANAGER
08A
WMPLFSE PANDUIT-WMPLFSE Datasheet
273Kb / 1P
WMPLFSE HORIZONTAL MANAGER
04A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com