Electronic Components Datasheet Search
  English  ▼

X  

4248314 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 4248314
Description  Mineral Insulated Thermocouple with
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4248314 Datasheet(HTML) 2 Page - Labfacility Ltd

  4248314 Datasheet HTML 1Page - Labfacility Ltd 4248314 Datasheet HTML 2Page - Labfacility Ltd 4248314 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
MI - 23 (K)
Mar-24
Specifications
General Description
Highly flexible, sheath can be bent/formed to suit many applications and processes
Sensor Type
Mineral Insulated
Thermocouple Type
K
Probe Diameter
0.5mm, 1.0mm, 1.5mm, 2.0mm, 3.0mm
Probe Length
150, 250, 500 & 1000mm
Sheath Material
Stainless steel 310
Termination Type
Miniature flat pin plug
Max. Temperature
+1100°C for 1.5 & 3.0mm diameters, +750°C for 1.0mm diameter and below
Min. Temperature
-40°C
Standards Met
IEC 584
Colour
Green
Multi Pack - Ordering Information
T/C
Type
Insulated
/
Grounded
Probe
Diameter
(mm)
Probe
Length
(mm)
Termination
Pack
Size
Manufacturers Number
Farnell
order
Number
K
Insulated
1
500
Mini Plug
5
MB-ISK-S10-500-MP-I
XF-2910-FAR
K
Insulated
1
1000
Mini Plug
5
MB-ISK-S10-1000-MP-I
XF-2909-FAR
Singles - Ordering Information
T/C
Type
Insulated /
Grounded
Probe
Diameter
(mm)
Probe
Length
(mm)
Termination
Manufacturers Number
Farnell order
Number
K
Grounded
0.5
150
Mini Plug
MB-GSK-S05-150-MP-I
2772003
K
Grounded
0.5
250
Mini Plug
MB-GSK-S05-250-MP-I
2772004
K
Insulated
0.5
150
Mini Plug
MB-ISK-S05-150-MP-I
4248296
K
Insulated
0.5
250
Mini Plug
MB-ISK-S05-250-MP-I
4248302
K
Insulated
1
1000
Mini Plug
MB-ISK-S10-1000-MP-I
2420275
K
Insulated
1
150
Mini Plug
MB-ISK-S10-150-MP-I
2420276
K
Insulated
1
250
Mini Plug
MB-ISK-S10-250-MP-I
2420277
K
Insulated
1
500
Mini Plug
MB-ISK-S10-500-MP-I
2420278
K
Insulated
1.5
1000
Mini Plug
MB-ISK-S15-1000-MP-I
4073408
K
Insulated
1.5
500
Mini Plug
MB-ISK-S15-500-MP-I
4073409
K
Insulated
1.5
150
Mini Plug
MB-ISK-S15-150-MP-I
4248314
K
Insulated
1.5
250
Mini Plug
MB-ISK-S15-250-MP-I
4248326
K
Insulated
2
150
Mini Plug
MB-ISK-S20-150-MP-I
4073433
K
Insulated
2
250
Mini Plug
MB-ISK-S20-250-MP-I
4073437
K
Insulated
3
1000
Mini Plug
MB-ISK-S30-1000-MP-I
2420268
K
Insulated
3
500
Mini Plug
MB-ISK-S30-500-MP-I
2420269
K
Insulated
3
150
Mini Plug
MB-ISK-S30-150-MP-I
4248338
K
Insulated
3
250
Mini Plug
MB-ISK-S30-250-MP-I
4248340



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com