Electronic Components Datasheet Search
  English  ▼

X  

PCJR1111 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # PCJR1111
Description  Type 4X Polycarbonate Junction Box (Solid and Clear Cover) PCJ Series Metal Latch Cover
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PCJR1111 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  PCJR1111 Datasheet HTML 1Page - Hammond Manufacturing Ltd. PCJR1111 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/7/2021
Type 4X Polycarbonate Junction Box (Solid and Clear Cover) (PCJ Series) - Hammond Mfg.
https://www.hammfg.com/electrical/products/non-metallic/pcj-sl
1/2
Additional Inner Panels
Swing Panel
Pole Mounting Kit
PJ/PJU/PCJ Replacement Hardware Kits
Type 4X Polycarbonate Junction Box (Solid and Clear Cover) PCJ
Series
Metal Latch Cover
Application
Designed to insulate and protect controls and components in both indoor and outdoor
conditions
Ideal for industrial pump controls, waste water, irrigation control along with solar/wind and
chemical plants
Standards
UL 508A Type 1, 2, 3, 4, 4X, 12 and 13
CSA Type 1, 2, 3, 4, 4X, 12 and 13
Complies with
NEMA Type 1, 2, 3, 4, 4X, 12 and 13
IEC 60529, IP66
Flamability V-O per UL 94
UV rating (f1) per UL746C - UV stabilized for outdoor use
Complient with RoHS directive
Construction
Injection moulded polycarbonate thermoplastic enclosure with matching cover is easily
punched, cut, or drilled
Enhanced UV inhibitors protect against outdoor weathering
Threaded brass inserts are provided for optional inner panel or terminal kit mounting.
Mounting hardware is included
Stainless steel 316 screw fasteners
Door fasteners include a provision for padlocking on Snap Latches
Enclosure available with clear Polycarbonate cover
Molded hinge
Captive oil resistant gasket provides a positive seal
Available with Polycarbonate flange or foot mount brackets for multi-directional mounting
Operating temperatures between 130°C and - 35 °C (266°F to - 31 °F)
Impact index of 16 J (12 ft/lb)
For corrosion resistance information, please refer to table in the Technical Information
section
Finish
Polycarbonate material has a Light gray finish
Optional inner panels are available in white powder coated finished steel or unfinished
aluminum, or Fiberglass
Accessories
Quality Products. Service Excellence.


Similar Part No. - PCJR1111

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PCJR1109 HAMMOND-PCJR1109 Datasheet
182Kb / 3P
Bo챤te de jonction en polycarbonate de type 4X
PCJR1109 HAMMOND-PCJR1109 Datasheet
159Kb / 3P
Bo챤te de jonction en polycarbonate de type 4X
PCJR1109 HAMMOND-PCJR1109 Datasheet
54Kb / 1P
Panneaux interieurs
PCJR1109 HAMMOND-PCJR1109 Datasheet
95Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PCJR1109 HAMMOND-PCJR1109 Datasheet
41Kb / 1P
Inner Panels
More results

Similar Description - PCJR1111

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LSOU LITTELFUSE-LSOU Datasheet
889Kb / 2P
Box Cover Units
logo
Yamaichi Electronics Co...
NHA026-MC01 YAMAICHI-NHA026-MC01 Datasheet
501Kb / 5P
Metal Cover
logo
Hammond Manufacturing L...
CS443 HAMMOND-CS443 Datasheet
115Kb / 3P
Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
logo
Molex Electronics Ltd.
130112-0172 MOLEX11-130112-0172 Datasheet
30Kb / 1P
Clear Polycarbonate Guard with Bottom Cover
130112-0174 MOLEX11-130112-0174 Datasheet
31Kb / 1P
Clear Polycarbonate Snap-on Bottom Cover
1301120172 MOLEX11-1301120172 Datasheet
30Kb / 1P
Clear Polycarbonate Guard with Bottom Cover
1301120174 MOLEX11-1301120174 Datasheet
32Kb / 1P
Clear Polycarbonate Snap-on Bottom Cover
logo
Littelfuse
LSOU LITTELFUSE-LSOU_V01 Datasheet
119Kb / 1P
BOX COVER UNITS
logo
Hammond Manufacturing L...
PJHMI HAMMOND-PJHMI Datasheet
146Kb / 2P
Polycarbonate HMI Hinged Cover Kits
5/1/22
logo
FIBOX Enclosing innovat...
4810000 FIBOX-4810000 Datasheet
159Kb / 2P
Hinged polycarbonate enclosure with grey cover
01.08.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com