Electronic Components Datasheet Search
  English  ▼

X  

EB-BARX Datasheet(PDF) 2 Page - BLOCK Transformatoren-Elektronik GmbH

Part # EB-BARX
Description  Accessories for product line EasyB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCK [BLOCK Transformatoren-Elektronik GmbH]
Direct Link  www.block.eu
Logo BLOCK - BLOCK Transformatoren-Elektronik GmbH

EB-BARX Datasheet(HTML) 2 Page - BLOCK Transformatoren-Elektronik GmbH

  EB-BARX Datasheet HTML 1Page - BLOCK Transformatoren-Elektronik GmbH EB-BARX Datasheet HTML 2Page - BLOCK Transformatoren-Elektronik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Accessories for product line EasyB
EB-BARx
Type
EB-BARx
General data
Application
Power bus bar for distribution of 24 VDC voltage
to all contacted EasyB modules.
Max. length 492 mm for up to 41 contacted
modules
General Data
Power bus bar EB-BARx
Order numbers
Order Number
EB-BARx
Type
EB-BARx
Notes
Remark
Please enter in your order the number of
modules to be contacted. (2-41 pieces)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com