Electronic Components Datasheet Search
  English  ▼

X  

FL2/18 Datasheet(PDF) 4 Page - BLOCK Transformatoren-Elektronik GmbH

Part # FL2/18
Description  Low profile transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCK [BLOCK Transformatoren-Elektronik GmbH]
Direct Link  www.block.eu
Logo BLOCK - BLOCK Transformatoren-Elektronik GmbH

FL2/18 Datasheet(HTML) 4 Page - BLOCK Transformatoren-Elektronik GmbH

  FL2/18 Datasheet HTML 1Page - BLOCK Transformatoren-Elektronik GmbH FL2/18 Datasheet HTML 2Page - BLOCK Transformatoren-Elektronik GmbH FL2/18 Datasheet HTML 3Page - BLOCK Transformatoren-Elektronik GmbH FL2/18 Datasheet HTML 4Page - BLOCK Transformatoren-Elektronik GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Low profile transformer
FL
Typ
FL 18/..
FL 24/..
FL 30/..
FL 42/..
FL 52/..
Input
Rated input voltage
2 x 115 Vac
2 x 115 Vac
2 x 115 Vac
2 x 115 Vac
2 x 115 Vac
Rated frequency
50 - 60 Hz
50 - 60 Hz
50 - 60 Hz
50 - 60 Hz
50 - 60 Hz
Output
Rated output voltage: Order no.
2x5 Vac: FL 18/5
2x6 Vac: FL 18/6
2x8 Vac: FL 18/8
2x9 Vac: FL 18/9
2x12 Vac: FL 18/12
2x15 Vac: FL 18/15
2x18 Vac: FL 18/18
2x24 Vac: FL 18/24*
2x5 Vac: FL 24/5
2x6 Vac: FL 24/6
2x8 Vac: FL 24/8
2x9 Vac: FL 24/9
2x12 Vac: FL 24/12
2x15 Vac: FL 24/15
2x18 Vac: FL 24/18
2x24 Vac: FL 24/24*
2x5 Vac: FL 30/5
2x6 Vac: FL 30/6
2x8 Vac: FL 30/8
2x9 Vac: FL 30/9
2x12 Vac: FL 30/12
2x15 Vac: FL 30/15
2x18 Vac: FL 30/18
2x24 Vac: FL 30/24**
2x5 Vac: FL 42/5
2x6 Vac: FL 42/6
2x8 Vac: FL 42/8
2x9 Vac: FL 42/9
2x12 Vac: FL 42/12
2x15 Vac: FL 42/15
2x18 Vac: FL 42/18
2x24 Vac: FL 42/24**
2x5 Vac: FL 52/5
2x6 Vac: FL 52/6
2x8 Vac: FL 52/8
2x9 Vac: FL 52/9
2x12 Vac: FL 52/12
2x15 Vac: FL 52/15
2x18 Vac: FL 52/18
2x24 Vac: FL 52/24**
Rated Power
18 VA
24 VA
30 VA
42 VA
52 VA
No-load voltage (app. x factor)
1.22
1.20
1.17
1.16
1.12
No-load loss (typ.)
1.50 W
1.60 W
1.70 W
3.50 W
4.00 W
Efficiency
77.0 %
77.0 %
81.0 %
81.0 %
81.0 %
Standards
Classification
Safety isolating transformer
*Mains transformer
(without VDE mark)
Safety isolating transformer
*Mains transformer
(without VDE mark)
Safety isolating transformer
**isolating transformer
(without VDE mark)
Safety isolating transformer
**isolating transformer
(without VDE mark)
Safety isolating transformer
**isolating transformer
(without VDE mark)
Approvals
Approvals
cURus, VDE
cURus, VDE
cURus, VDE
cURus, VDE
cURus, VDE
Environment
Ambient temperature max.
40 °C
40 °C
40 °C
40 °C
40 °C
Safety and protection
Type
Encapsulated
Encapsulated
Encapsulated
Encapsulated
Encapsulated
Insulation class
VDE=E, UL=class 105
VDE=E, UL=class 105
VDE=E, UL=class 105
VDE=E, UL=class 105
VDE=E, UL=class 105
Protection index
IP 00
IP 00
IP 00
IP 00
IP 00
Safety class (prepared)
II
II
II
II
II
Short circuit strength
non-short-circuit proof
non-short-circuit proof
non-short-circuit proof
non-short-circuit proof
non-short-circuit proof
Order numbers
Order Number
see rated output voltage
see rated output voltage
see rated output voltage
see rated output voltage
see rated output voltage
Low profile transformer
FL
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
FL 2/..
Pins for PCB
UI 30/5,5
0.12 kg
1 53 44 17.6 47.5 37.5 35 9 4.5 10 15 25 5 0.8 -
-
2.5
FL 4/..
Pins for PCB
UI 30/7,5
0.15 kg
1 53 44 19.6 47.5 37.5 35 9 4.5 10 15 25 5 0.8 -
-
2.5
FL 6/..
Pins for PCB
UI 30/10,5
0.18 kg
1 53 44 22.6 47.5 37.5 35 9 4.5 10 15 25 5 0.8 -
-
2.5
FL 8/..
Pins for PCB
UI 30/16,5
0.25 kg
1 53 44 28.6 47.5 37.5 35 9 4.5 10 15 25 5 0.8 -
-
2.5
FL 10/..
Pins for PCB
UI 39/8
0.28 kg
1 68 57 22.8 62.5 50 45 11.5 5.5 15 16 26 10 0.8 -
-
2.5
FL 14/..
Pins for PCB
UI 39/10,2
0.32 kg
1 68 57 24.4 62.5 50 45 11.5 5.5 15 16 26 10 0.8 -
-
2.5
FL 18/..
Pins for PCB
UI 39/13,5
0.38 kg
1 68 57 27.6 62.5 50 45 11.5 5.5 15 16 26 10 0.8 -
-
2.5
FL 24/..
Pins for PCB
UI 39/17
0.45 kg
1 68 57 31.4 62.5 50 45 11.5 5.5 15 16 26 10 0.8 -
-
2.5
FL 30/..
Pins for PCB
UI 39/21
0.53 kg
1 68 57 35.8 62.5 50 45 11.5 5.5 15 16 26 10 0.8 -
-
2.5
FL 42/..
Pins for PCB
UI 48/17
0.72 kg
2 83.5 70 39 75 60 53.5 15 6.5 15 27 37 10 - 0.5 1 3.1
FL 52/..
Pins for PCB
UI 48/26
0.98 kg
2 86.5 70 49 75 60 53.5 16.5 6.5 15 27 37 10 - 0.5 1 3.1
Dimension pictures
Transformers
Low profile transformers
1
BLOCK
Website
281
Subject to change
1.1
1.2
5.1
1.3
2.1
2.2
3.1
3.2
3.3
5.2
4.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com