Electronic Components Datasheet Search
  English  ▼

X  

FL2/24 Datasheet(PDF) 1 Page - BLOCK Transformatoren-Elektronik GmbH

Part # FL2/24
Description  Low profile transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCK [BLOCK Transformatoren-Elektronik GmbH]
Direct Link  www.block.eu
Logo BLOCK - BLOCK Transformatoren-Elektronik GmbH

FL2/24 Datasheet(HTML) 1 Page - BLOCK Transformatoren-Elektronik GmbH

  FL2/24 Datasheet HTML 1Page - BLOCK Transformatoren-Elektronik GmbH FL2/24 Datasheet HTML 2Page - BLOCK Transformatoren-Elektronik GmbH FL2/24 Datasheet HTML 3Page - BLOCK Transformatoren-Elektronik GmbH FL2/24 Datasheet HTML 4Page - BLOCK Transformatoren-Elektronik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low profile transformer
FL
General Data
Rated input voltage 2 x 115 Vac
Rated output voltage 2 x 5 - 2 x 24 Vac
Rated power 2 - 52 VA
Insulation class E
Maximum ambient temperature 40 °C
Efficiency up to 81 %
Degree of protection IP 00
Advantages
Minimum size at high output
Low height
Dual input voltage for series or parallel connection
Dual output voltage for series or parallel connection
Permanent corrosion protection, high insulation value and maximum
electrical reliability thanks to XtraDenseFill resin encapsulation
Self-extinguishing potting material
Applications
As a mains transformer for adjustment of the voltage and simple electrical
isolation.
As an isolating transformer for the safe electrical isolation of the input and
output sides. The transformer may be used to set up protective separation as a
protective measure in accordance with VDE 0100.
As a safety isolating transformer for the safe electrical isolation of the input
and output sides. The transformer is suitable for creating SELV and PELV
circuits because of the limit on the output voltage.
Sample application
Standards
/ 2 " Z
Approvals
W J w Z
Mains transformer
to: VDE 0570 Teil 2-1, DIN EN 61558-2-1, EN 61558-2-1, IEC 61558-2-1, UL
5085-1/-2, CSA 22.2 No.66
Isolating transformer
to: VDE 0570 Part 2-4, DIN EN 61558-2-4, EN 61558-2-4, IEC 61558-2-4,
UL 5085-1/-2, CSA 22.2 No.66
Safety isolating transformer
to: VDE 0570 Part 2-6, DIN EN 61558-2-6, EN 61558-2-6, IEC 61558-2-6,
UL 5085-1/-2, CSA 22.2 No.66
ENEC 10 (VDE), UL 5085-1/-2, CSA 22.2 No.66
Low profile transformer
FL
Typ
FL 2/..
FL 4/..
FL 6/..
FL 8/..
FL 10/..
FL 14/..
Input
Rated input voltage
2 x 115 Vac
2 x 115 Vac
2 x 115 Vac
2 x 115 Vac
2 x 115 Vac
2 x 115 Vac
Rated frequency
50 - 60 Hz
50 - 60 Hz
50 - 60 Hz
50 - 60 Hz
50 - 60 Hz
50 - 60 Hz
Output
Rated output voltage: Order no.
2x5 Vac: FL 2/5
2x6 Vac: FL 2/6
2x8 Vac: FL 2/8
2x9 Vac: FL 2/9
2x12 Vac: FL 2/12
2x15 Vac: FL 2/15
2x24 Vac: FL 2/24*
2x6 Vac: FL 4/6
2x8 Vac: FL 4/8
2x9 Vac: FL 4/9
2x12 Vac: FL 4/12
2x15 Vac: FL 4/15
2x18 Vac: FL 4/18
2x24 Vac: FL 4/24*
2x5 Vac: FL 6/5
2x6 Vac: FL 6/6
2x8 Vac: FL 6/8
2x9 Vac: FL 6/9
2x12 Vac: FL 6/12
2x15 Vac: FL 6/15
2x18 Vac: FL 6/18
2x24 Vac: FL 6/24*
2x6 Vac: FL 8/6
2x8 Vac: FL 8/8
2x9 Vac: FL 8/9
2x12 Vac: FL 8/12
2x15 Vac: FL 8/15
2x18 Vac: FL 8/18
2x24 Vac: FL 8/24*
2x5 Vac: FL 10/5
2x6 Vac: FL 10/6
2x8 Vac: FL 10/8
2x9 Vac: FL 10/9
2x12 Vac: FL 10/12
2x15 Vac: FL 10/15
2x18 Vac: FL 10/18
2x24 Vac: FL 10/24*
2x5 Vac: FL 14/5
2x6 Vac: FL 14/6
2x8 Vac: FL 14/8
2x9 Vac: FL 14/9
2x12 Vac: FL 14/12
2x15 Vac: FL 14/15
2x18 Vac: FL 14/18
2x24 Vac: FL 14/24*
Rated Power
2 VA
4 VA
6 VA
8 VA
10 VA
14 VA
No-load voltage (app. x factor)
1.35
1.35
1.35
1.22
1.32
1.28
No-load loss (typ.)
0.60 W
0.90 W
1.20 W
1.30 W
1.10 W
1.20 W
Efficiency
66.0 %
66.0 %
69.0 %
76.0 %
72.0 %
74.0 %
Standards
Classification
Safety isolating transformer
*Mains transformer
(without VDE mark)
Safety isolating transformer Safety isolating transformer
*Mains transformer
(without VDE mark)
Safety isolating transformer
*Mains transformer
(without VDE mark)
Safety isolating transformer
*Mains transformer
(without VDE mark)
Safety isolating transformer
*Mains transformer
(without VDE mark)
Approvals
Approvals
cURus, VDE
cURus, VDE
cURus, VDE
cURus, VDE
cURus, VDE
cURus, VDE
Environment
Ambient temperature max.
40 °C
40 °C
40 °C
40 °C
40 °C
40 °C
Safety and protection
Type
Encapsulated
Encapsulated
Encapsulated
Encapsulated
Encapsulated
Encapsulated
Insulation class
VDE=E, UL=class 105
VDE=E, UL=class 105
VDE=E, UL=class 105
VDE=E, UL=class 105
VDE=E, UL=class 105
VDE=E, UL=class 105
Protection index
IP 00
IP 00
IP 00
IP 00
IP 00
IP 00
Safety class (prepared)
II
II
II
II
II
II
Short circuit strength
non-short-circuit proof
non-short-circuit proof
non-short-circuit proof
non-short-circuit proof
non-short-circuit proof
non-short-circuit proof
Order numbers
Order Number
see rated output voltage
see rated output voltage
see rated output voltage
see rated output voltage
see rated output voltage
see rated output voltage
Transformers
Low profile transformers
1
BLOCK
Website
278 Subject to change


Similar Part No. - FL2/24

ManufacturerPart #DatasheetDescription
logo
BLOCK Transformatoren-E...
FL2/12 BLOCK-FL2/12 Datasheet
332Kb / 2P
Safety isolating transformer
FL2/15 BLOCK-FL2/15 Datasheet
332Kb / 2P
Safety isolating transformer
FL2/6 BLOCK-FL2/6 Datasheet
332Kb / 2P
Safety isolating transformer
FL2/9 BLOCK-FL2/9 Datasheet
332Kb / 2P
Safety isolating transformer
More results

Similar Description - FL2/24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TL1220 ETC-TL1220 Datasheet
100Kb / 1P
LOW PROFILE HYBRID TRANSFORMER
logo
DB Lectro Inc
TL29E DBLECTRO-TL29E Datasheet
343Kb / 6P
LOW PROFILE ENCAPSULATED TRANSFORMER
logo
List of Unclassifed Man...
D2088 ETC2-D2088 Datasheet
226Kb / 2P
4VA LOW PROFILE ENCAPSULATED TRANSFORMER
logo
ETAL Group
P1165 ETAL-P1165 Datasheet
128Kb / 7P
LOW PROFILE LINE MATCHING TRANSFORMER
P3065 ETAL-P3065 Datasheet
128Kb / 5P
LOW PROFILE LINE MATCHING TRANSFORMER
logo
Rhombus Industries Inc.
T-31008 RHOMBUS-IND-T-31008 Datasheet
28Kb / 1P
Low Profile Coupling Transformer
3/21/97
logo
Wabash Transformer Inc.
UI-25-10 WABASH-UI-25-10 Datasheet
704Kb / 2P
Low Profile Power Transformer
logo
Allied Components Inter...
TLP24-250 ALLIED-TLP24-250 Datasheet
2Mb / 1P
Low Profile Power Transformer
logo
ETAL Group
9025 ETAL-9025 Datasheet
166Kb / 4P
LOW PROFILE LINE MATCHING TRANSFORMER
logo
Allied Components Inter...
TDBS24-1250 ALLIED-TDBS24-1250 Datasheet
720Kb / 1P
Low Profile Power Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com