Electronic Components Datasheet Search
  English  ▼

X  

UTPCH2Y Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # UTPCH2Y
Description  TX5e UTP Patch Cords
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

UTPCH2Y Datasheet(HTML) 1 Page - PANDUIT CORP.

  UTPCH2Y Datasheet HTML 1Page - PANDUIT CORP. UTPCH2Y Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
TX5e ™ UTP Patch Cords
applications
specifications
Category 5e/Class D, UTP patch cords shall be
constructed of 24 AWG unshielded twisted pair
stranded copper cable with a high performance
modular plug at each end. Patch cord cable
shall be offered in multiple colored UTP cable
in multiple lengths for design flexibility. All patch
cords shall be compatible with both T568A and
T568B wiring schemes.
TX5e™ UTP Patch Cords are a component of
the TX5500™ Copper Cabling System. This
end-to-end system provides Gigabit Ethernet
performance with usable bandwidth beyond
100 MHz. With certified performance to the
ANSI/TIA-568-C.2 Category 5e and ISO
11801 Class D Edition 2.1 standards, this
system will support the following applications:
• Ethernet 10BASE-T, 100BASE-T (Fast Ethernet),
1000BASE-T (Gigabit Ethernet)
• 155 Mb/s ATM, 622 Mb/s ATM
• Token ring 4/16
• Voice/data systems
• Voice over Internet Protocol (VoIP)
SPECIFICATION SHEET
TX5e™ UTP Patch Cords
CM (foot lengths):
UTPCH*Y
CM (meter lengths):
UTPCH**MY
LSZH (meter lengths): UTPCHL**MY
Mini-Com ® TX5e™ UTP Jack Module
Jack module:
CJ5E88TG***
Shuttered jack
module:
CJD5E88TG***
TX5500 ™ UTP Copper Cable
LSZH:
PUL5504^
CM:
PUC5504^
Mini-Com ® Angled Modular Patch Panels
24-port, 1 RU:
CPPLA24WBLY
48-port, 2 RU:
CPPLA48WBLY
Mini-Com ® Flat Modular Patch Panels
24-port, 1 RU:
CPPL24WBLY
48-port, 2 RU:
CPPL48WBLY
For additional modular and punchdown
patch panels, visit www.panduit.com.
Tools and Accessories
Patch cord
removal tool:
PCRT1
Flashlight kit:
KPCRT-FL
Patch cord band:
PCBAND^^-Q
Standard RJ45 plug
lock-in device:
PSL-DCPLX^^^
Recessed RJ45 plug
lock-in device:
PSL-DCPLRX^^^
*For lengths 1 to 20 feet (increments of
one foot) 20, 25, 30, 35 or 40 feet, change
the length designation in the part number to
the desired length. For standard cable colors
other that Off White, add suffix BL (Black),
BU (Blue), GR (Green), RD (Red), YL (Yellow),
OR (Orange) or VL (Violet) before the Y at
the end of the part number. For example,
the part number for a blue 15-foot patch cord
is UTPCH15BUY.
**For lengths 1 to 10 meters (increments of
one meter) 0.5, 1.5, 2.5, 15, 20, 25, 30, 35,
40 meters, change the length designation of
the part number to the desired length. For
standard cable colors other than Off White,
add suffix BL (Black), BU (Blue), GR (Green),
RD (Red), YL (Yellow), OR (Orange) or
VL (Violet) before the Y in the part number.
For example, the part number for a blue
15-meter patch cord is UTPCH15MBUY.
***To designate color, add suffix IW (Off White),
EI (Electric Ivory), WH (White), IG (International
Gray), OR (Orange), RD (Red), BU (Blue),
GR (Green), YL (Yellow) or VL (Violet).
^To designate color, add suffix BU (Blue),
WH (White), YL (Yellow) or IG (International Gray).
^^To designate color, add suffix WH (White),
EI (Electric Ivory), IG (International Gray),
BL (Black), BU (Blue), RD (Red), YL (Yellow),
GR (Green), OR (Orange) or VL (Violet)
before the -Q in the part number. 25/package.
^^^For colors other than Red, add suffix
-BL (Black), -BU (Blue), -GR (Green),
-YL (Yellow), -OR (Orange), IW (International
White) or -IG (International Gray) to the end
of the part number. 10/package. Add -C for
bulk packages of 100.
Contact customer service for keyed
connectivity, bulk packaged jack modules
and patch cords.
TX5500 ™ UTP Copper Cabling System
Category 5e/Class D
Exceeds all ANSI/TIA-568-C.2 Category 5e and ISO 11801 Class D
channel and
Edition 2.1 standards for all frequencies from 1 to 100 MHz
component performance:
Cable diameter:
0.215 in. (5.5mm) nominal
FCC and ANSI
Meets all applicable ANSI/TIA-968-A requirements; contacts plated
compliance:
with 50 microinches of gold for superior performance
IEC compliance:
Meets IEC 60603-7
UL rated:
UL 1863 approved
RoHs compliance:
Compliant
PoE compliance:
Meets requirements of IEEE 802.3af and IEEE 802.3at for PoE applications
Flammability rating:
CM or LSZH
technical information
key features and benefits
100% performance tested for
Confidence that each patch cord delivers specified performance
wire map, NEXT and return loss
Centered de-embedded plug
Performs in center of ANSI/TIA-568-C.2 component range,
ensuring interoperability and optimum performance
Integral pair manager
Optimizes performance and consistency by reducing untwist at plug
Patented tangle-free latch
Prevents snags and provides easy release, saving time on frequent
moves, adds and changes
Flexible stranded cable
U/UTP stranded 24 AWG copper cable with a nominal diameter of
0.215 inch allows for high density installations and superior
panel cable management
Identification
Provides identification of performance level, length, and quality
control number for future traceability
Robust construction
Plug contact plated with 50 microinches of gold and rated
to 2500 mating cycles
Variety of cable colors
Meets individual length and color-coding requirements
and lengths
for greater system flexibility
Keyed version available
Color-specific keys with positive and negative keying features
mechanically and visually distinguish connections to prevent
unintentional mating with unlike keyed or non-keyed jack modules,
offering network design flexibility, versatility accommodating
discrete networks for enhanced security
Color bands (optional)
Snap onto cable, allowing additional color-coding options
RJ45 plug lock-in device
Secures plug into jack to prevent unauthorized removal of
(optional)
patch cord


Similar Part No. - UTPCH2Y

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
UTPCH10L25Y PANDUIT-UTPCH10L25Y Datasheet
78Kb / 1P
Data-Patch??10/100BASE-T Cable Assemblies
UTPCH10LR25Y PANDUIT-UTPCH10LR25Y Datasheet
78Kb / 1P
Data-Patch??10/100BASE-T Cable Assemblies
UTPCH10SR25Y PANDUIT-UTPCH10SR25Y Datasheet
78Kb / 1P
Data-Patch??10/100BASE-T Cable Assemblies
UTPCH15SR25Y PANDUIT-UTPCH15SR25Y Datasheet
78Kb / 1P
Data-Patch??10/100BASE-T Cable Assemblies
UTPCH3Y PANDUIT-UTPCH3Y Datasheet
206Kb / 1P
TX5e UTP Patch Cords
More results

Similar Description - UTPCH2Y

ManufacturerPart #DatasheetDescription
logo
ITT Industries
IP67RJI45 ITT-IP67RJI45 Datasheet
50Kb / 1P
Ethernet Patch Cords with connectors
logo
Pomona Electronics
72919 POMONA-72919 Datasheet
143Kb / 1P
2mm SAFETY Sheathed Patch Cords
72920 POMONA-72920 Datasheet
129Kb / 1P
2mm SAFETY Sheathed Patch Cords
logo
List of Unclassifed Man...
NPC-1803 ETC2-NPC-1803 Datasheet
170Kb / 1P
Snagless cat5e patch cords
logo
Assmann Electronics Inc...
DK-1611-001-BL ASSMANN-DK-1611-001-BL Datasheet
91Kb / 1P
Cat6 UTP Patch cable
logo
PANDUIT CORP.
UTPCH3Y PANDUIT-UTPCH3Y Datasheet
206Kb / 1P
TX5e UTP Patch Cords
logo
Bel Fuse Inc.
CA81-020M-01 BEL-CA81-020M-01 Datasheet
506Kb / 1P
Category 8.1 Patch Cords
logo
PANDUIT CORP.
UTP28CH25BL PANDUIT-UTP28CH25BL Datasheet
820Kb / 2P
Category 5e Performance SD UTP Patch Cords
4/2014
CJ5E88TGBL PANDUIT-CJ5E88TGBL Datasheet
180Kb / 2P
Mini-Com짰 TX5e??UTP Jack Modules
4/2015
CPP24FMWBLY PANDUIT-CPP24FMWBLY Datasheet
105Kb / 2P
TX6A??10Gig??UTP Patch Cords with MaTriX Technology
5/2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com