Electronic Components Datasheet Search
  English  ▼

X  

TDP43ME-SPINDLE Datasheet(PDF) 21 Page - PANDUIT CORP.

Part # TDP43ME-SPINDLE
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

TDP43ME-SPINDLE Datasheet(HTML) 21 Page - PANDUIT CORP.

Back Button TDP43ME-SPINDLE Datasheet HTML 17Page - PANDUIT CORP. TDP43ME-SPINDLE Datasheet HTML 18Page - PANDUIT CORP. TDP43ME-SPINDLE Datasheet HTML 19Page - PANDUIT CORP. TDP43ME-SPINDLE Datasheet HTML 20Page - PANDUIT CORP. TDP43ME-SPINDLE Datasheet HTML 21Page - PANDUIT CORP. TDP43ME-SPINDLE Datasheet HTML 22Page - PANDUIT CORP. TDP43ME-SPINDLE Datasheet HTML 23Page - PANDUIT CORP. TDP43ME-SPINDLE Datasheet HTML 24Page - PANDUIT CORP. TDP43ME-SPINDLE Datasheet HTML 25Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Contact Technical Support at 866.871.4571.
21
Part Number
Color
Width
Height
Labels
Per
Row
Std.
Pkg.
Qty.
In.
mm
In.
mm
C025X025YJT
White
0.25
6.4
0.25
6.4
12
10000
C038X038YJT
0.38
9.7
0.38
9.7
7
C050X044YJT
0.50
12.7
0.44
11.2
5
C060X020YJT
0.60
15.2
0.20
5.1
3
C075X025YJT
0.75
19.1
0.25
6.4
C075X025YMT
Silver
C080X020YJT
White
0.80
20.3
0.20
5.1
C090X025YJT
0.90
22.9
0.25
6.4
C100X025YJT
1.00
25.4
0.25
6.4
C100X038YJT
0.38
9.7
C100X050YJT
0.50
12.7
C100X050YKT
Clear
C100X050YMT
Silver
C125X038YJT
White
1.25
31.8
0.38
9.7
C150X050YJT
1.50
38.1
0.50
12.7
1
5000
C150X075YJT
0.75
19.1
C150X075YMT
Silver
C160X020YJT
White
1.60
40.6
0.20
5.1
10000
C200X025YJT
2.00
50.8
0.25
6.4
5000
C200X038YJT
0.38
9.7
C200X050YJT
0.50
12.7
C200X100YJT
1.00
25.4
2500
C200X100YKT
Clear
C200X100YMT
Silver
C275X125YJT
White
2.75
69.9
1.25
31.8
C275X125YMT
Silver
C300X025YJT
White
3.00
76.2
0.25
6.4
5000
C300X038YJT
0.38
9.7
C300X100YJT
1.00
25.4
2500
C300X100YMT
Silver
C300X200YJT
White
2.00
50.8
1000
C300X200YMT
Silver
C350X100YJT
White
3.50
88.9
1.00
25.4
2500
C400X100YJT
4.00 101.6
C400X200YJT
2.00
50.8
1000
C400X200YMT
Silver
C400X300YJT
White
3.00
76.2
2500
C400X400YJT
4.00 101.6
1000
C400X600YJT
6.00 152.4
Order number of labels required in multiples of Standard Package Quantity.
Labels are roll mounted on 3.00" cores; when using the TDP43ME printer and 3.00" cores,
the roll stand (TDP43ME-RS) is required.
Polyester Component Labels
• Provide durability; high-temperature resistance and
dimensional stability; does not easily stretch or tear
• Use thermal transfer resin ribbon
• Temperature range: -40°F to 302°F (-40°C to 150°C)
• UL969 recognized, File # MH14576 and File # MH14979;
cUL recognized, C22.2 No. 0.15.01, File # MH14979



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com