Electronic Components Datasheet Search
  English  ▼

X  

74LVC08ADB Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74LVC08ADB
Description  Quad 2-input AND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC08ADB Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74LVC08ADB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC08ADB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC08ADB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC08ADB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC08ADB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC08ADB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC08ADB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC08ADB Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC08ADB Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
74LVC08A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 7 — 19 April 2016
6 of 15
NXP Semiconductors
74LVC08A
Quad 2-input AND gate
11. AC waveforms
VM = 1.5 V at VCC 2.7 V
VM =0.5  VCC at VCC <2.7 V
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 6.
The input nA, nB to output nY propagation delays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com