Electronic Components Datasheet Search
  English  ▼

X  

74LVC08APW Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC08APW
Description  Quad 2-input AND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC08APW Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC08APW Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC08APW Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC08APW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC08APW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC08APW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC08APW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC08APW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC08APW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC08APW Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The 74LVC08A provides four 2-input AND gates.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these
devices as translators in mixed 3.3 V and 5 V applications.
2.
Features and benefits
 5 V tolerant inputs for interfacing with 5 V logic
 Wide supply voltage range from 1.2 V to 3.6 V
 CMOS low power consumption
 Direct interface with TTL levels
 Complies with JEDEC standard:
 JESD8-7A (1.65 V to 1.95 V)
 JESD8-5A (2.3 V to 2.7 V)
 JESD8-C/JESD36 (2.7 V to 3.6 V)
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-B exceeds 200 V
 CDM JESD22-C101E exceeds 1000 V
 Specified from
40 C to +85 C and 40 C to +125 C
3.
Ordering information
74LVC08A
Quad 2-input AND gate
Rev. 7 — 19 April 2016
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC08AD
40 Cto +125 C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74LVC08ADB
40 Cto +125 C
SSOP14
plastic shrink small outline package; 14 leads;
body width 5.3 mm
SOT337-1
74LVC08APW
40 Cto +125 C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74LVC08ABQ
40 Cto +125 C
DHVQFN14 plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 14 terminals;
body 2.5
 3  0.85 mm
SOT762-1


Similar Part No. - 74LVC08APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC08APW PHILIPS-74LVC08APW Datasheet
85Kb / 8P
Quad 2-input AND gate
1997 Jun 30
logo
Nexperia B.V. All right...
74LVC08APW NEXPERIA-74LVC08APW Datasheet
234Kb / 12P
Quad 2-input AND gate
Rev. 9 - 17 September 2021
74LVC08APW-Q100 NEXPERIA-74LVC08APW-Q100 Datasheet
799Kb / 14P
Quad 2-input AND gate
74LVC08APW-Q100 NEXPERIA-74LVC08APW-Q100 Datasheet
163Kb / 14P
Quad 2-input AND gate
Rev. 2 19 April 2016
74LVC08APW-Q100,11 NEXPERIA-74LVC08APW-Q100,11 Datasheet
163Kb / 14P
Quad 2-input AND gate
Rev. 2 19 April 2016
More results

Similar Description - 74LVC08APW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
Quad 2-Input AND Gate
1999 REV 0
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
QUAD 2-INPUT AND GATE
Feb-1993
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
QUAD 2-INPUT AND GATE
Jul-2001
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
QUAD 2-INPUT AND GATE
logo
Rohm
BU4081B ROHM-BU4081B Datasheet
50Kb / 4P
Quad 2-input AND gate
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
Quad 2-Input AND Gate
logo
STMicroelectronics
74VHCT08A STMICROELECTRONICS-74VHCT08A_04 Datasheet
217Kb / 11P
QUAD 2-INPUT AND GATE
16-Dec-2004
logo
IK Semicon Co., Ltd
IN74VHCT08 IKSEMICON-IN74VHCT08 Datasheet
254Kb / 6P
Quad 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com