Electronic Components Datasheet Search
  English  ▼

X  

74LVC244AD Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC244AD
Description  Octal buffer/line driver; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC244AD Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC244AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC244AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC244AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC244AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC244AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC244AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC244AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC244AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC244AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
74LVC244A; 74LVCH244A
Octal buffer/line driver; 3-state
Rev. 11 — 29 April 2021
Product data sheet
1. General description
The 74LVC244A; 74LVCH244A is an octal non-inverting buffer/line driver with 3-state outputs.
The 3-state outputs are controlled by the output enable inputs 1OE and 2OE. A HIGH on nOE
causes the outputs to assume a high-impedance OFF-state. Schmitt-trigger action at all inputs
makes the circuit highly tolerant for slower input rise and fall times.
Inputs can be driven from either 3.3 V or 5.0 V devices. In 3-state operation, outputs can handle
5 V. These features allow the use of these devices as translators in a mixed 3.3 V and 5 V
environment.
The 74LVCH244A bus hold on data inputs eliminates the need for external pull-up resistors to hold
unused inputs.
2. Features and benefits
• 5 V tolerant inputs/outputs for interfacing with 5 V logic
• Wide supply voltage range from 1.2 V to 3.6 V
• CMOS low-power consumption
• Direct interface with TTL levels
• Inputs accept voltages up to 5.5 V
• High-impedance when VCC = 0 V
• Bus hold on all data inputs (74LVCH244A only)
• Complies with JEDEC standard:
• JESD8-7A (1.65 V to 1.95 V)
• JESD8-5A (2.3 V to 2.7 V)
• JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115B exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C


Similar Part No. - 74LVC244AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC244AD PHILIPS-74LVC244AD Datasheet
96Kb / 10P
Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-Statetitle
1998 May 20
74LVC244AD PHILIPS-74LVC244AD Datasheet
103Kb / 17P
Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
2003 Oct 30
74LVC244AD NXP-74LVC244AD Datasheet
121Kb / 18P
Octal buffer/line driver; 3-state
Rev. 06-13 August 2009
74LVC244AD NXP-74LVC244AD Datasheet
150Kb / 19P
Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74LVC244AD NEXPERIA-74LVC244AD Datasheet
286Kb / 17P
Octal buffer/line driver; 3-state
Rev. 12 - 16 September 2021
More results

Similar Description - 74LVC244AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
Octal buffer/line driver; 3-state
1999 Nov 24
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
logo
Nexperia B.V. All right...
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
Octal buffer/line driver; 3-state
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
Octal buffer/line driver 3-state
74AHCV541A NEXPERIA-74AHCV541A Datasheet
792Kb / 17P
Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com