Electronic Components Datasheet Search
  English  ▼

X  

74LVC374AD Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74LVC374AD
Description  Octal D-type flip-flop; 5 V tolerant inputs/outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC374AD Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74LVC374AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC374AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC374AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC374AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC374AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC374AD Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC374AD Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC374AD Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC374AD Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC374A
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 3 — 6 December 2012
9 of 19
Nexperia
74LVC374A
Octal D-type flip-flop; 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
11. Waveforms
Measurement points are given in Table 8.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 7.
Clock (CP) to output (Qn) propagation delays, the clock pulse width, output transition times, and the
maximum frequency
mna894
CP input
Qn output
tPHL
tPLH
tW
1/fmax
VM
VOH
VI
GND
VOL
VM
Measurement points are given in Table 8.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 8.
3-state enable and disable times
mna644
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
OE input
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com