Electronic Components Datasheet Search
  English  ▼

X  

AXP1T34GS Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # AXP1T34GS
Description  Dual supply translating buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

AXP1T34GS Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button AXP1T34GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved AXP1T34GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved AXP1T34GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved AXP1T34GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved AXP1T34GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved AXP1T34GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved AXP1T34GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved AXP1T34GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved AXP1T34GS Datasheet HTML 15Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Nexperia
AXP1T34
Dual supply translating buffer
Table 13. Typical dynamic characteristics at Tamb = 25 °C
Voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 4; for waveform see Fig. 3.
VCCO
Symbol Parameter
Conditions
0.9 V 1.2 V 1.5 V 1.8 V 2.5 V 3.3 V 5.0 V
Unit
fi = 1 MHz; VI = GND to VCCI;
tr = tf = 1 ns; CL = 0 pF; RL = ∞ Ω
[1]
input supply
[2]
VCCI = 0.9 V
0.4
0.4
0.4
0.4
0.4
0.4
0.4 pF
VCCI = 1.2 V
0.4
0.4
0.4
0.4
0.4
0.4
0.4 pF
VCCI = 1.5 V
0.4
0.4
0.4
0.4
0.4
0.4
0.4 pF
VCCI = 1.8 V
0.4
0.4
0.4
0.4
0.4
0.4
0.4 pF
VCCI = 2.5 V
0.5
0.5
0.5
0.5
0.5
0.5
0.5 pF
VCCI = 3.3 V
0.6
0.6
0.6
0.6
0.6
0.6
0.6 pF
VCCI = 5.0 V
0.9
0.9
0.9
0.9
0.9
0.9
0.9 pF
output supply
[3]
VCCI = 0.9 V
9.4
9.4
9.4
9.5
9.7
10.3
12 pF
VCCI = 1.2 V
9.4
9.4
9.5
9.5
9.6
9.9
10.7 pF
VCCI = 1.5 V
9.4
9.4
9.5
9.5
9.7
9.9
10.4 pF
VCCI = 1.8 V
9.4
9.4
9.5
9.6
9.7
9.9
10.4 pF
VCCI = 2.5 V
9.5
9.5
9.6
9.6
9.8
10
10.4 pF
VCCI = 3.3 V
9.7
9.7
9.7
9.7
9.9
10.1 10.5 pF
CPD
power
dissipation
capacitance
VCCI = 5.0 V
10.1 10.1 10.1 10.2 10.3 10.4 10.8 pF
CI
input
capacitance
VI = 0 V or VCCI; VCCI = 0 V to 5.5 V
1.5
1.5
1.5
1.5
1.5
1.5
1.5 pF
CO
output
capacitance
VO = 0 V; VCCO = 0 V
3.8
pF
[1] CPD is used to determine the dynamic power dissipation (PD in μW).
[2] Power dissipated from input supply (VCCI)
PD = CPD x VCCI 2 x fi x N where:
CPD = power dissipation capacitance of the input supply.
VCCI = input supply voltage in V;
fi = input frequency in MHz;
N = number of inputs switching;
[3] Power dissipated from output supply (VCCO)
PD = (CL + CPD) x VCCO 2 x fo where:
CL = load capacitance in pF;
CPD = power dissipation capacitance of the output supply.
VCCO = output supply voltage in V;
fo = output frequency in MHz;
AXP1T34
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 1 — 1 December 2023
11 / 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com