Electronic Components Datasheet Search
  English  ▼

X  

BAT54H Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAT54H
Description  Schottky barrier single diode in small SOD123F package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT54H Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAT54H Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT54H Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT54H Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT54H Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT54H Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT54H Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT54H Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT54H Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAT54H Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BAT54H
Schottky barrier single diode in small SOD123F package
25 July 2012
Product data sheet
Scan or click this QR code to view the latest information for this product
1. Product profile
1.1 General description
Planar Schottky barrier diode with an integrated guard ring for stress protection,
encapsulated in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic
package.
1.2 Features and benefits
• Low forward voltage
• Low capacitance
• AEC-Q101 qualified
1.3 Applications
• Ultra high-speed switching
• Voltage clamping
• Line termination
• Inverse-polarity protection
1.4 Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
-
-
200
mA
VR
reverse voltage
-
-
30
V
VF
forward voltage
IF = 10 mA; pulsed; tp ≤ 300 µs;
δ ≤ 0.02 ; Tamb = 25 °C
-
-
400
mV
2. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
K
cathode[1]
2
A
anode
2
1
SOD123F
aaa-003679
K
A
[1] The marking bar indicates the cathode.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com