Electronic Components Datasheet Search
  English  ▼

X  

115 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 115
Description  Schottky barrier (double) diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

115 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  115 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2001 Feb 27
3
NXP Semiconductors
Product data sheet
Schottky barrier (double) diodes
BAT854W series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
ELECTRICAL CHARACTERISTICS
Tamb = 25 °C; unless otherwise specified.
Note
1.
Pulse test: tp = 300 μs; δ = 0.02.
THERMAL CHARACTERISTICS
Note
1.
Refer to SOT323 standard mounting conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VR
continuous reverse voltage
−
40
V
IF
continuous forward current
−
200
mA
IFRM
repetitive peak forward current
tp ≤ 1 s; δ ≤ 0.5
−
300
mA
IFSM
non-repetitive peak forward current
t = 8.3 ms half sinewave;
JEDEC method
−
1
A
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
Per diode
VF
continuous forward voltage
see Fig.6
IF = 0.1 mA
200
−
mV
IF = 1 mA
260
−
mV
IF = 10 mA
340
−
mV
IF = 30 mA
−
420
mV
IF = 100 mA
−
550
mV
IR
continuous reverse current
VR = 25 V; note 1; see Fig.7
−
0.5
μA
Cd
diode capacitance
VR = 1 V; f = 1 MHz; see Fig.8
−
20
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient note 1
625
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com