Electronic Components Datasheet Search
  English  ▼

X  

LBS12401 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS12401
Description  124MHz SAW Filter 4MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS12401 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS12401 Datasheet HTML 1Page - SIPAT Co,Ltd LBS12401 Datasheet HTML 2Page - SIPAT Co,Ltd LBS12401 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS12401
Rev. Date
2005-1-9
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
124MHz SAW Filter
4MHz Bandwidth
Part Number:LBS12401
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
123.85
124
124.15
Insertion Loss
dB
-
26.7
28
3 dB Bandwidth
MHz
3.8
4.02
-
40 dB Bandwidth
MHz
-
4.85
5
50 dB Bandwidth
MHz
-
4.92
5.2
Passband Variation
dB
-
0.6
0.9
Absolute Delay
usec
-
3.26
4
Group Delay Variation(f0±1.9MHz)
nsec
-
80
300
Ultimate Rejection
dB
50
51
-
Material Temperature coefficient
KHz/°C
0.124
Ambient Temperature
°C
25
Package Size
DIP2712
(27.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=150nH L2=(18+100)nH
C1=39pF c2=56pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L2
L1
C1
C2


Similar Part No. - LBS12401

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS12401 SIPAT-LBS12401 Datasheet
144Kb / 3P
124MHz SAW Filter 4MHz Bandwidth
More results

Similar Description - LBS12401

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS11510 SIPAT-LBS11510 Datasheet
138Kb / 3P
115MHz SAW Filter 4MHz Bandwidth
LBS12402 SIPAT-LBS12402 Datasheet
141Kb / 3P
124MHz SAW Filter 4MHz Bandwidth
LBS12901 SIPAT-LBS12901 Datasheet
140Kb / 3P
128.9MHz SAW Filter 4MHz Bandwidth
LBT07067 SIPAT-LBT07067 Datasheet
144Kb / 3P
70MHz SAW Filter 4MHz Bandwidth
LBS12404 SIPAT-LBS12404 Datasheet
151Kb / 3P
124MHz SAW Filter 4MHz Bandwidth
LBS12405 SIPAT-LBS12405 Datasheet
150Kb / 3P
124MHz SAW Filter 4MHz Bandwidth
LBS12401 SIPAT-LBS12401 Datasheet
144Kb / 3P
124MHz SAW Filter 4MHz Bandwidth
LBS12402 SIPAT-LBS12402 Datasheet
147Kb / 3P
124MHz SAW Filter 4MHz Bandwidth
LBS12404 SIPAT-LBS12404 Datasheet
151Kb / 3P
124MHz SAW Filter 4MHz Bandwidth
LBS12405 SIPAT-LBS12405 Datasheet
150Kb / 3P
124MHz SAW Filter 4MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com