Electronic Components Datasheet Search
  English  ▼

X  

LBS13007 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS13007
Description  130MHz IF SAW Filter 4MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS13007 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS13007 Datasheet HTML 1Page - SIPAT Co,Ltd LBS13007 Datasheet HTML 2Page - SIPAT Co,Ltd LBS13007 Datasheet HTML 3Page - SIPAT Co,Ltd LBS13007 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS13007
Rev. Date
2007-08-20
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
130MHz IF SAW Filter
4MHz Bandwidth
Part Number: LBS13007
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
129.9
130
130.1
Insertion Loss
dB
-
26.5
30
3 dB Bandwidth
MHz
4.35
4.45
-
Passband Variation
dB
-
0.7
1.2
Absolute Delay
usec
-
3.84
-
f0±2.6MHz
dB
30
35
-
f0±2.8MHz
dB
40
55
-
f0±3.2MHz
dB
50
54
-
f0±5MHz
dB
50
58
-
Ultimate Rejection
f0±7.2MHz
dB
55
67
-
Material Temperature coefficient
KHz/°C
0.14
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=150nH L2=100nH
C1=C2=39pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
C1
INPUT
OUTPUT
50Ω
50Ω
L1
L2
C2


Similar Part No. - LBS13007

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS13007 SIPAT-LBS13007 Datasheet
146Kb / 4P
130MHz IF SAW Filter 4MHz Bandwidth
More results

Similar Description - LBS13007

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN05802 SIPAT-LBN05802 Datasheet
139Kb / 4P
57.8MHz IF SAW Filter 4MHz Bandwidth
LBS09021 SIPAT-LBS09021 Datasheet
146Kb / 4P
90MHz IF SAW Filter 4MHz Bandwidth
LBS16005 SIPAT-LBS16005 Datasheet
140Kb / 4P
160MHz IF SAW Filter 4MHz Bandwidth
LBS17204 SIPAT-LBS17204 Datasheet
140Kb / 4P
172.2MHz IF SAW Filter 4MHz Bandwidth
LBS13009 SIPAT-LBS13009 Datasheet
149Kb / 3P
130MHz SAW Filter 4MHz Bandwidth
LBS09021 SIPAT-LBS09021 Datasheet
151Kb / 4P
90MHz IF SAW Filter 4MHz Bandwidth
LBS13007 SIPAT-LBS13007 Datasheet
146Kb / 4P
130MHz IF SAW Filter 4MHz Bandwidth
LBS13009 SIPAT-LBS13009 Datasheet
149Kb / 3P
130MHz SAW Filter 4MHz Bandwidth
LBS16005 SIPAT-LBS16005 Datasheet
145Kb / 4P
160MHz IF SAW Filter 4MHz Bandwidth
LBS17204 SIPAT-LBS17204 Datasheet
145Kb / 4P
172.2MHz IF SAW Filter 4MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com