Electronic Components Datasheet Search
  English  ▼

X  

HMC981LP3E Datasheet(PDF) 5 Page - Analog Devices

Part # HMC981LP3E
Description  ACTIVE BIAS CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC981LP3E Datasheet(HTML) 5 Page - Analog Devices

  HMC981LP3E Datasheet HTML 1Page - Analog Devices HMC981LP3E Datasheet HTML 2Page - Analog Devices HMC981LP3E Datasheet HTML 3Page - Analog Devices HMC981LP3E Datasheet HTML 4Page - Analog Devices HMC981LP3E Datasheet HTML 5Page - Analog Devices HMC981LP3E Datasheet HTML 6Page - Analog Devices HMC981LP3E Datasheet HTML 7Page - Analog Devices HMC981LP3E Datasheet HTML 8Page - Analog Devices HMC981LP3E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
13 - 5
13
For price, delivery, and to place orders: Analog Devices, Inc., One Analog Way, Wilmington, MA 01887
Phone: 781-937-1428 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
HMC981LP3E
v02.1222
ACTIVE BIAS CONTROLLER
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
-1.25
-1
-0.75 -0.5 -0.25
0
0.25 0.5 0.75
1
1.25
+25C
+85C
-40C
IG (mA)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
VG2=0.9V
VG2=1.78V
VG2=2.74V
VG2=3.71V
IG2 (mA)
VGATE Load Regulation @ VDD=6V
VG2 Load Regulation @ VDD=6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com