Electronic Components Datasheet Search
  English  ▼

X  

ADM489ABRZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADM489ABRZ
Description  STANDARD RS-485 FULL-DUPLEX (14-LEAD SOIC) EVALUATION BOARD, EVAL-RS485FDEBZ
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM489ABRZ Datasheet(HTML) 1 Page - Analog Devices

  ADM489ABRZ Datasheet HTML 1Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
STANDARD RS-485 FULL-DUPLEX (14-LEAD SOIC) EVALUATION BOARD, EVAL-RS485FDEBZ
Product Details
The EVAL-RS485FDEBZ allows quick and easy evaluation of full-duplex RS-485 transceivers with standard 14-lead SOIC footprints. The
evaluation board allows interfacing via screw terminal block to digital I/O for driver input (DI), receiver output (RO), driver enable (DE) and receiver
output (RO). Bus signals A, B, Y and Z (full-duplex bus) can be connected to a bus screw terminal block. Termination resistors are fitted across A
and B, as well as Y and Z. These can be connected in half-duplex configuration (A to Y, B to Z), in order to evaluate the RS-485 driver. Footprints
are provided for pull-up and pull-down (biasing resistors) on the receiver inputs in order to provide the option to evaluate an RS-485 receiver with
this configuration.
Devices for evaluation on the board must be ordered separately
Model
Description
EVAL-RS485FDEBZ Status:
Production
Evaluation Board
ADM1491EBRZ Status: Production
5V, Enhanced ESD, 16 Mbps, 32 nodes, -40C to +85C
ADM3070EARZ Status: Production
3.3V, Enhanced ESD, 250 kbps, 256 nodes, -40C to +85C
ADM3070EYRZ Status: Production
3.3V, Enhanced ESD, 250 kbps, 256 nodes, -40C to +125C
ADM3073EARZ Status: Production
3.3V, Enhanced ESD, 500 kbps, 256 nodes, -40C to +85C
ADM3073EYRZ Status: Production
3.3V, Enhanced ESD, 500 kbps, 256 nodes, -40C to +125C
ADM3076EARZ Status: Production
3.3V, Enhanced ESD, 16 Mbps, 256 nodes, -40C to +85C
ADM3076EYRZ Status: Production
3.3V, Enhanced ESD, 16 Mbps, 256 nodes, -40C to +125C
ADM3491AR Status: Production
3.3V, 10 Mbps, 32 nodes, -40C to +85C, Not ROHS Compliant
ADM3491ARZ Status: Production
3.3V, 10 Mbps, 32 nodes, -40C to +85C
ADM3491EARZ Status: Production
3.3V, Enhanced ESD, 12 Mbps, 32 nodes, -40C to +85C
ADM489ABRZ Status: Production
5V, 250 kbps, 32 nodes, -40 to +85C


Similar Part No. - ADM489ABRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM489ABRZ AD-ADM489ABRZ Datasheet
287Kb / 16P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV. 0
ADM489ABRZ AD-ADM489ABRZ Datasheet
304Kb / 16P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
Rev. B
ADM489ABRZ-REEL7 AD-ADM489ABRZ-REEL7 Datasheet
287Kb / 16P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV. 0
ADM489ABRZ-REEL7 AD-ADM489ABRZ-REEL7 Datasheet
304Kb / 16P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
Rev. B
More results

Similar Description - ADM489ABRZ

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
Full Duplex RS-485 Transceivers
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490_05 Datasheet
161Kb / 12P
Full Duplex RS-485 Transceivers
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
Full Duplex RS-485 Transceivers
SP1490E EXAR-SP1490E Datasheet
575Kb / 8P
Full Duplex RS-485 Transceivers12345678VCC
SP491CN-L EXAR-SP491CN-L Datasheet
453Kb / 11P
Full Duplex RS-485 Transceivers
logo
Analog Devices
ADM3070E AD-ADM3070E_15 Datasheet
528Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3073E AD-ADM3073E_15 Datasheet
528Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com