Electronic Components Datasheet Search
  English  ▼

X  

FL6/6 Datasheet(PDF) 1 Page - BLOCK Transformatoren-Elektronik GmbH

Part # FL6/6
Description  Safety isolating transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCK [BLOCK Transformatoren-Elektronik GmbH]
Direct Link  www.block.eu
Logo BLOCK - BLOCK Transformatoren-Elektronik GmbH

FL6/6 Datasheet(HTML) 1 Page - BLOCK Transformatoren-Elektronik GmbH

  FL6/6 Datasheet HTML 1Page - BLOCK Transformatoren-Elektronik GmbH FL6/6 Datasheet HTML 2Page - BLOCK Transformatoren-Elektronik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Safety isolating transformer
FL 6/6
Advantages
Minimum size at high output
Low height
Dual input voltage for series or parallel connection
Dual output voltage for series or parallel connection
Permanent corrosion protection, high insulation value and maximum
electrical reliability thanks to XtraDenseFill resin encapsulation
Self-extinguishing potting material
Applications
As a mains transformer for adjustment of the voltage and simple electrical
isolation.
As an isolating transformer for the safe electrical isolation of the input and
output sides. The transformer may be used to set up protective separation as a
protective measure in accordance with VDE 0100.
As a safety isolating transformer for the safe electrical isolation of the input
and output sides. The transformer is suitable for creating SELV and PELV
circuits because of the limit on the output voltage.
Sample application
Standards
Z
Safety isolating transformer
to: VDE 0570 Part 2-6, DIN EN 61558-2-6, EN 61558-2-6, IEC 61558-2-6,
UL 5085-1/-2, CSA 22.2 No.66
Approvals
W 2 w Z
VDE, UL 5085-1/-2, CSA 22.2 No.66
Picture shows FL 42/12


Similar Part No. - FL6/6

ManufacturerPart #DatasheetDescription
logo
BLOCK Transformatoren-E...
FL6/6 BLOCK-FL6/6 Datasheet
3Mb / 4P
Low profile transformer
More results

Similar Description - FL6/6

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
TEW6038 FILTRAN-TEW6038 Datasheet
31Kb / 1P
Wide Band Isolating/Matching Transformer
logo
List of Unclassifed Man...
DS44049 ETC2-DS44049 Datasheet
712Kb / 1P
SAFETY ISOLATING TRANSFORMER
DS44094 ETC1-DS44094 Datasheet
721Kb / 1P
SAFETY ISOLATING TRANSFORMER
logo
Hammond Manufacturing L...
171A HAMMOND-171A Datasheet
61Kb / 1P
Isolating Line Transformer
logo
MORNSUN Science& Techno...
TSX00-EX MORNSUN-TSX00-EX Datasheet
453Kb / 3P
Isolating / Safety Switching Barrier
TSX01-EX MORNSUN-TSX01-EX Datasheet
461Kb / 3P
Isolating / Safety Switching Barrier
logo
List of Unclassifed Man...
IM1-22EX-T ETC2-IM1-22EX-T Datasheet
237Kb / 4P
Isolating switching amplifier
logo
Cynergy3 Co
SC-SLIMCON6 CYNERGY3-SC-SLIMCON6 Datasheet
105Kb / 1P
Isolating Signal Converter
logo
Pepperl+Fuchs Inc.
S1SD-1AI-1U.1 PF-S1SD-1AI-1U.1 Datasheet
813Kb / 4P
Isolating Amplifier
2022-01-10
S1SD-1AI-1U.2 PF-S1SD-1AI-1U.2 Datasheet
817Kb / 4P
Isolating Amplifier
2022-01-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com