Electronic Components Datasheet Search
  English  ▼

X  

FL6/9 Datasheet(PDF) 2 Page - BLOCK Transformatoren-Elektronik GmbH

Part # FL6/9
Description  Safety isolating transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCK [BLOCK Transformatoren-Elektronik GmbH]
Direct Link  www.block.eu
Logo BLOCK - BLOCK Transformatoren-Elektronik GmbH

FL6/9 Datasheet(HTML) 2 Page - BLOCK Transformatoren-Elektronik GmbH

  FL6/9 Datasheet HTML 1Page - BLOCK Transformatoren-Elektronik GmbH FL6/9 Datasheet HTML 2Page - BLOCK Transformatoren-Elektronik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Safety isolating transformer
FL 6/9
Type
FL 6/9
Input
Rated input voltage
2 x 115 Vac
Rated frequency
50 - 60 Hz
Output
Rated output voltage
2 x 9 Vac
Rated Power
6 VA
No-load voltage (app. x factor)
1.35
No-load loss (typ.)
1.20 W
Efficiency
69.0 %
Standards
Classification
Safety isolating transformer
Approvals
Approvals
cURus, VDE
Environment
Ambient temperature max.
40 °C
Safety and protection
Type
Encapsulated
Insulation class
VDE=E, UL=class 105
Protection index
IP 00
Safety class (prepared)
II
Short circuit strength
non-short-circuit proof
Order numbers
Order Number
FL 6/9
Type
FL 6/9
Terminal and mounting
Terminals
Pins for PCB
Measures and weights
Core type
UI 30/10,5
Weight
0.18 kg
0.0
0.0
PRI
SEC
35.0
47.5
53.0
4.5
0.8
2.5
9.0
22.6
5.0
25.0
37.5
15.0
10.0
44.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com