Electronic Components Datasheet Search
  English  ▼

X  

4294183 Datasheet(PDF) 3 Page - Labfacility Ltd

Part # 4294183
Description  Screw In Pt100 RTD Temperature Probes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4294183 Datasheet(HTML) 3 Page - Labfacility Ltd

  4294183 Datasheet HTML 1Page - Labfacility Ltd 4294183 Datasheet HTML 2Page - Labfacility Ltd 4294183 Datasheet HTML 3Page - Labfacility Ltd 4294183 Datasheet HTML 4Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Datasheet
PRT - 34
Oct-23
Ordering Information
Type
Sheath
Diameter
Sheath
Length
Process
connection
Manufacturers Code
Farnell Order Code
Pt100
3mm
50mm
1/4" BSPP
RAA-S4A-3.0-50-PC3-1.0-C7-T
4294175
Pt100
3mm
100mm
1/4" BSPP
RAA-S4A-3.0-100-PC3-1.0-C7-T
4294176
Pt100
3mm
150mm
1/4" BSPP
RAA-S4A-3.0-150-PC3-1.0-C7-T
4294177
Pt100
3mm
200mm
1/4" BSPP
RAA-S4A-3.0-200-PC3-1.0-C7-T
4294179
Pt100
6mm
50mm
1/4" BSPP
RAA-S4A-6.0-50-PC3-1.0-C7-T
4294181
Pt100
6mm
100mm
1/4" BSPP
RAA-S4A-6.0-100-PC3-1.0-C7-T
4294182
Pt100
6mm
150mm
1/4" BSPP
RAA-S4A-6.0-150-PC3-1.0-C7-T
4294183
Pt100
6mm
200mm
1/4" BSPP
RAA-S4A-6.0-200-PC3-1.0-C7-T
4294184
Pt100
3mm
50mm
1/2" BSPP
RAA-S4A-3.0-50-PC1-1.0-C7-T
4294185
Pt100
3mm
100mm
1/2" BSPP
RAA-S4A-3.0-100-PC1-1.0-C7-T
4294186
Pt100
3mm
150mm
1/2" BSPP
RAA-S4A-3.0-150-PC1-1.0-C7-T
4294187
Pt100
3mm
200mm
1/2" BSPP
RAA-S4A-3.0-200-PC1-1.0-C7-T
4294188
Pt100
6mm
50mm
1/2" BSPP
RAA-S4A-6.0-50-PC1-1.0-C7-T
4294189
Pt100
6mm
100mm
1/2" BSPP
RAA-S4A-6.0-100-PC1-1.0-C7-T
4294190
Pt100
6mm
150mm
1/2" BSPP
RAA-S4A-6.0-150-PC1-1.0-C7-T
4294192
Pt100
6mm
200mm
1/2" BSPP
RAA-S4A-6.0-200-PC1-1.0-C7-T
4294193
Pt100
3mm
50mm
1/4" NPT
RAA-S4A-3.0-50-PC4-1.0-C7-T
4294194
Pt100
3mm
100mm
1/4" NPT
RAA-S4A-3.0-100-PC4-1.0-C7-T
4294195
Pt100
3mm
150mm
1/4" NPT
RAA-S4A-3.0-150-PC4-1.0-C7-T
4294196
Pt100
3mm
200mm
1/4" NPT
RAA-S4A-3.0-200-PC4-1.0-C7-T
4294197
Pt100
6mm
50mm
1/4" NPT
RAA-S4A-6.0-50-PC4-1.0-C7-T
4294198
Pt100
6mm
100mm
1/4" NPT
RAA-S4A-6.0-100-PC4-1.0-C7-T
4294199
Pt100
6mm
150mm
1/4" NPT
RAA-S4A-6.0-150-PC4-1.0-C7-T
4294200
Pt100
6mm
200mm
1/4" NPT
RAA-S4A-6.0-200-PC4-1.0-C7-T
4294201
Pt100
3mm
50mm
1/2" NPT
RAA-S4A-3.0-50-PC2-1.0-C7-T
4294202
Pt100
3mm
100mm
1/2" NPT
RAA-S4A-3.0-100-PC2-1.0-C7-T
4294203
Pt100
3mm
150mm
1/2" NPT
RAA-S4A-3.0-150-PC2-1.0-C7-T
4294204
Pt100
3mm
200mm
1/2" NPT
RAA-S4A-3.0-200-PC2-1.0-C7-T
4294205
Pt100
6mm
50mm
1/2" NPT
RAA-S4A-6.0-50-PC2-1.0-C7-T
4294206
Pt100
6mm
100mm
1/2" NPT
RAA-S4A-6.0-100-PC2-1.0-C7-T
4294207
Pt100
6mm
150mm
1/2" NPT
RAA-S4A-6.0-150-PC2-1.0-C7-T
4294209
Pt100
6mm
200mm
1/2" NPT
RAA-S4A-6.0-200-PC2-1.0-C7-T
4294211



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com