Electronic Components Datasheet Search
  English  ▼

X  

HMC465LP5 Datasheet(PDF) 12 Page - Analog Devices

Part # HMC465LP5
Description  ACTIVE BIAS CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC465LP5 Datasheet(HTML) 12 Page - Analog Devices

Back Button HMC465LP5 Datasheet HTML 8Page - Analog Devices HMC465LP5 Datasheet HTML 9Page - Analog Devices HMC465LP5 Datasheet HTML 10Page - Analog Devices HMC465LP5 Datasheet HTML 11Page - Analog Devices HMC465LP5 Datasheet HTML 12Page - Analog Devices HMC465LP5 Datasheet HTML 13Page - Analog Devices HMC465LP5 Datasheet HTML 14Page - Analog Devices HMC465LP5 Datasheet HTML 15Page - Analog Devices HMC465LP5 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
13 - 12
13
For price, delivery, and to place orders: Analog Devices, Inc., One Analog Way, Wilmington, MA 01887
Phone: 781-937-1428 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
There will be a voltage drop from VDD to VDRAIN due to finite RDS_ON resistance of the internal switch. To
compensate for this voltage drop choose the VDD value as shown in equation (1).
VDD = VDRAIN + IDRAIN x RDS_ON
(1)
where VDRAIN is the supply voltage of the external amplifier and IDRAIN is the desired constant bias current through
the external amplifier.
Note that RDS_ON resistance of the internal FET switch can be adjusted through SW pin. RDS_ON is typically equal
to 5 Ohms when SW is pulled up to VDIG, and is typically equal to 10 Ohms when SW is pulled down to GND. If SW
is left floating, it is pulled up to VDIG through an internal weak pull-up. Recommended settings for the SW position
are given in Table-1. Not using the HMC981LP3E in the recommended settings will increase the power dissipation of
the part and may increase the part-to-part variation.
Negative Voltage Generator (VNEGOUT)
The HMC981LP3E has an internally regulated charge pump block to generate negative voltage (VNEGOUT) required
for depletion mode devices. The HMC981LP3E generates -2.5V at the VNEGOUT output in default configuration. It
requires two diodes and two capacitors connected externally as shown in the sample application schematics. The
HMC981LP3E is designed to reject the ripple on the VNEGOUT by isolating VNEGOUT from the VGATE. The nega-
tive voltage is only required for depletion mode devices, and it can be disabled through the VGATEFB and VNEGFB
pins. Where an enhancement device is targeted or a negative supply is already available in the system, simply con-
nect the available negative supply to the VNEG pin. See Table-2 for detail on how to set this operation mode.
HMC981LP3E
v02.1222
ACTIVE BIAS CONTROLLER
Table 1. Recommended Current Range Configuration
Current Range (mA)
Condition
RDS_ON (Ohm)
20 to 80
SW=GND
10
80 to 200
SW=VDIG
5
Enable/Disable (EN)
The active bias control loop is enabled when EN is pulled up to VDIG, and it is disabled when it is pulled down to
GND. If EN is left floating HMC981LP3E is enabled through an internal weak pull-up. Note that VNEG operation is
independent of EN condition. EN signal controls the operation of only VGATE, VG2 and VDRAIN outputs. When EN
pulled down to GND, the HMC981LP3E discharges VDRAIN and VG2 down to GND and it pulls the VGATE down to
VNEG. Please see the “Active Bias Control Loop” section for detailed explanation.
Active Bias Control Loop
The HMC981LP3E regulates the bias current (IDRAIN) of the amplifier under bias through VGATE output connected
to the gate of the external amplifier. In this closed loop operation the current passing through the amplifier under bias
is sampled and is used to adjust VGATE to achieve constant quiescent bias through the external amplifier.
The HMC981LP3E continuously compensates for any supply, temperature, process variations and threshold drifts
due to aging. The part-to-part, temperature, and supply variation of the HMC981LP3E is excellent. Thus, by using an
accurate sense resistor connected to the ISENSE pin, expensive calibration procedures in high volume production
could be avoided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com